Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106 Datasheet(PDF) 5 Page - Copyright Pickering Electronics Ltd

Part # 106
Description  Single-in-Line SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

106 Datasheet(HTML) 5 Page - Copyright Pickering Electronics Ltd

  106 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Should be 3D
Waiting render
update
Single-in-Line SIL/SIP Reed Relays – Series 106
pickering
relay.com
Specification
Series Name
105-1-A
105-1-B
105-1-C
105-2-A
108-1-A
108-1-C
Physical Outline
Depth
mm
(inches)
6.6 (0.26)
6.6 (0.26)
6.6 (0.26)
6.6 (0.26)
3.7 (0.145)
3.7 (0.145)
Width
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
20.0 (0.79)
20.0 (0.79)
Height
7.9 (0.31)
10.7 (0.42)
7.9 (0.31)
10.7 (0.42)
6.6 (0.26)
6.6 (0.26)
Package Volume
(
mm3)
996
1349
996
1349
489
489
Typical Weights (
g)
1.63
2.47
1.71
2.18
1.03
1.11
Contact
Configuration
1-A
(SPST)
1-B
(SPNC)
1-C
(SPDT)
2-A
(SPST)
1-A
(SPST)
1-C
(SPDT)
Reed Switch Type
Dry
Dry
Dry
Mercury
Wetted
Dry
Dry
Dry
Dry
Mercury
Wetted
Dry
Dry
Dry
Stand-off Voltage
(
V)
-
-
1000
-
-
-
-
-
-
-
-
-
Switching Voltage
(
V)
200
200
500
500
200
200
200
200
500
200
200
200
Switching Current
(
A)
1.0
0.5
0.5
2
1.0
0.25
1.0
0.5
2
1.0
0.5
0.5
Carry Current
(
A)
1.2
1.2
1.2
3
1.2
1.2
1.2
1.2
3
1.2
1.2
1.2
Switch Power
(
W)
20 (15)
10
10
50
1D: 20 (15)
2D: 10
3
20 (15)
10
50
20 (15)
10
3
If the Series 106 is unsuitable for your application, Pickering also manufactures three other series of reed relays with
similar characteristics, but in different package sizes.
Similar Relays Comparison
Reed Relay Selection Tool
Because Pickering offer the largest range of high-quality reed relays, sometimes it can be difficult to find the right reed relay
you require. That is why we created the Reed Relay Selector, this tool will help you narrow down our offering to get you the
correct reed relay for your application. To try the tool today go to: pickeringrelay.com/reed-relay-selector-tool
Series Name
106-1-A
106-1-C
107-1-A
107-1-B
107-1-C
107-2-A
107-2-C
Physical Outline
Depth
mm
(inches)
4.8 (0.19)
4.8 (0.19)
4.8 (0.19)
4.8 (0.19)
4.8 (0.19)
4.8 (0.19)
4.8 (0.19)
Width
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
19.1 (0.75)
24.1 (0.95)
Height
8.1 (0.32)
8.1 (0.32)
7.6 (0.30)
10.2 (0.40)
7.6 (0.30)
10.2 (0.40)
10.2 (0.40)
Package Volume
(
mm3)
743
743
697
936
697
936
1180
Typical Weights (
g)
1.21
1.38
1.32
2.20
1.74
2.24
2.42
Contact
Configuration
1-A
(SPST)
1-C
(SPDT)
1-A
(SPST)
1-B
(SPNC)
1-C
(SPDT)
2-A
(SPST)
2-C
(DPDT)
Reed Switch Type
Dry
Dry
Dry
Dry
Dry
Dry
Dry
Mercury
Wetted
Dry
Dry
Dry
Dry
Mercury
Wetted
Dry
Stand-off Voltage
(
V)
-
-
1500
-
-
-
500
-
-
-
-
-
-
-
Switching Voltage
(
V)
200
200
500
200
200
200
400
500
200
200
200
200
500
200
Switching Current
(
A)
1.0
0.5
0.5
0.25
1.0
0.5
0.5
2
1.0
0.25
1.0
0.5
2
0.25
Carry Current
(
A)
1.2
1.2
1.2
1.2
1.2
1.2
1.2
3
1.2
1.2
1.2
1.2
3
1.2
Switch Power
(
W)
20
10
10
3
20 (15)
10
10
50
1D: 20 (15)
2D: 10
3
20 (15)
10
50
3
1
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com