Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD767 Datasheet(PDF) 5 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD767
Description  USB Type-C PD and Type-A dual-port controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD767 Datasheet(HTML) 5 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

  XPD767 Datasheet HTML 1Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 2Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD740
USB Type-C PD 和 Type-A 双口控制器
Version 1.4
第
5页 共 14页
Copyright©2020, 云矽半导体
6 订购信息
料号
PDO 和 APDO 配置
印字
包装
XPD740A
PDO:5V/3A, 9V/2.22A
XPD740
XXXXX+XX
TSSOP-16
3K/盘
XPD740B
PDO:5V/3A, 9V/2.22A, 12V/1.67A
XPD740BPU
PDO:5V/3A, 9V/2.22A, 12V/1.67A
APDO1 : 3.3-5.9V/3A
APDO2 : 3.3-11V/1.8A
XPD740BPA
PDO:5V/3A, 9V/2.22A, 12V/1.67A
APDO1 : 3.3-5.9V/3A
APDO2 : 3.3-11V/2A
XPD740BP22
PDO:5V/3A, 9V/2.5A, 12V/1.9A
APDO1 : 3.3-5.9V/3A
APDO2 : 3.3-11V/1.8A
XPD740BP22UA
PDO:5V/3A, 9V/2.5A, 12V/1.9A
APDO1 : 3.3-5.9V/3A
APDO2 : 3.3-11V/1.8A
开低压
SCP 5V/4.5A
XPD740DP30
PDO : 5V/3A, 9V/3A, 12V/2.5A, 15V/2A,
20V/1.5A
APDO1 : 3.3-11V/3A
APDO2 : 3.3-16V/2A
可定制
可定制
印字说明
:
第一行
,
XPD740:芯片型号;
第二行
,
XXXXX:Lot Number,XX:保留信息。
*SCP 协议由于电流超过 3A,需要定制。
选型参考
QC3.0 FCP/SCP AFC PD3.0 PPS
CV
A+C
SR
SR MOS XPD-LINK
XPD618
√
√
√
√
XPD636
√
√
√
√
√
XPD740
√
√
√
√
√
√
XPD738
√
√
√
√
√
√
√
XPD737
√
√
√
√
√
√
XPD767
√
√
√
√
√
√
√
XPD818
√
√
√
√
√
√
√
XPD819
√
√
√
√
√
√
√
XPD865
√
√
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com