Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD767 Datasheet(PDF) 8 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD767
Description  USB Type-C PD and Type-A dual-port controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD767 Datasheet(HTML) 8 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Back Button XPD767 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 10Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 11Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 12Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD740
USB Type-C PD 和 Type-A 双口控制器
Version 1.4
第
8页 共 14页
Copyright©2020, 云矽半导体
RDM(DWN)
D-下拉电阻
14.25
19.53
24.5
KΩ
RON(N1)
开关
N1 导通电
阻
100
Ω
VTH(PD)
受电设备连接检
测电压阈值
0.25
0.325
0.4
V
TDPD
受电设备连接检
测滤波时间
120
160
200
ms
ΔIT(UP)
电压升高时电流
源阶跃步长
RIREF=100KΩ
2
uA
ΔIT(DO)
电压降低时电流
源阶跃步长
RIREF=100KΩ
2
uA
Apple 2.4A 充电模式
VDAT(2.7V)
D+/D-数据线电压
2.57
2.7
2.84
V
RDAT(2.7V)
D+/D-数据线输出
阻抗
12
KΩ
FCP 充电模式
VTX-VOH
D- FCP TX Valid
High
2.7
V
VTX-VOL
D- FCP TX Valid Low
0.3
V
VRX-VIH
D- FCP RX Valid
High
1.2
V
VRX-VIL
D- FCP RX Valid
High
0.9
V
Trise
FCP Pulse Rise Time 10% - 90%
2.5
us
Tfall
FCP Pulse Fall Time 90% - 10%
2.5
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com