Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1710ASA Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # SCM1710ASA
Description  Highly Integrated PWMController
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

SCM1710ASA Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  SCM1710ASA Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VER.A5 2019.07 Page
of 13
3
General test conditions: Free-air, normal operating temperature range (unless otherwise specified).
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Bias mains voltage
VVDD
35
V
Voltage of the GATE pin
VDRV
-0.6
30
V
Voltage range
UVP,FB,CS,RI
-0.6
6
BOS
-0.6
30
Storage temperature
TSTG
-40
150
℃
Operating junction temperature
TJ
-40
150
Lead temperature for soldering
0.6mm from case for 10s
260
Rated value of electrostatic discharge (ESD)
Human body model (HBM)
-2000
2000
V
Charging device model (CDM)
-1000
1000
Important: Exposure to Absolute Maximum Rated conditions for an extended period may severely affect the device reliability, and stress levels exceeding the “Absolute
Maximum Ratings” may result in permanent damage.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Bias mains voltage
VDD
8
25
V
VDD bypass capacitance
CVDD
0.47
20
uF
Maximum operating switching frequency
FSW
65
100
kHz
Operating junction temperature
TJ
-40
125
℃
Electrical Characteristics
General test conditions and VDD = 12V, GATE with no load (unless otherwise specified).
Symbol
Parameter
Test condition
Mini
Typ
Max
Unit
Chip power supply (VDD pin)
ISTARTUP
VDD starting current
VVDD<VVDD off, current flowing
into the VDD port
150
300
450
uA
IVDD_OP
Chip’s operating current
VFB=3V, RI=24K
1.5
2.5
3.5
mA
VUVLO_ON
VDD undervoltage lockout
cancellation
(enable)
VVDD: increasing
14.8
16.1
17.4
V
VUVLO_OFF
VDD undervoltage lockout
VVDD: decreasing
6.8
7.4
8
V
VOVP_ON1
VDD overvoltage protection
trigger voltage
VVDD:15V~21V
FB=4V
22.3
24.2
26.2
V
VOVP_OFF
VDD overvoltage protection
recovery voltage
VVDD: 21V~10V
FB=1-4V
14.8
16.1
17.4
V
VOVP_HYS
VDD overvoltage protection
backlash voltage
8.1
V
VCLAMP
VDD clamping voltage
Sudden improvement of the
current absorption capability
of VDD
30
35
40
V
Feedback voltage input (FB pin)
AV_CS
PWM input gain
△
VFB/△VCS
2.75
V/V
VFB_OPEN
FB open-circuit voltage
5.37
V
IFB_SHORT
FB short-circuit current
FB grounding current
0.9
1.2
1.5
mA
VBURST_ON
Frequency modulation mode
entry level
VFB voltage increasing
1.25
V
VBURST_OFF
Frequency modulation mode exit
level
VFB voltage decreasing
1.65
V
VTH_PL
FB threshold voltage during
power limitation
4.55
V
Oscillator parameter(RI pin)
FOSC
Oscillator frequency
RI=24K
90.8
KHz
DMAX
Maximum duty ratio
76
80
84
%
AJITTER
Frequency jittering amplitude
RI=24K
86
90
95
KHz
FJITTER
Frequency jittering trimming
period
RI=24K
5
6
8
mS
FMIN1
Minimum operating frequency
during start
RI=24K
23.9
kHz
FMIN2
Minimum operating frequency
during steady output
RI=24K
23.9
kHz
RI_RANGE
RI change range
15
24
48
KΩ
VRI_OPEN
RI open-circuit voltage
2
V
Current detection input (CS pin)
VCST_MAX
Internal current limiting
0.8
V
TBLANKING
Leading edge blanking time,
RI=24K
External
-
nS
SCOMP1
Slope compensation
RI=24K,
D∈(40%-60%)
33
mV/uS
SCOMP2
Slope compensation
RI=24K,
58
mV/uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com