Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1710ASA Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # SCM1710ASA
Description  Highly Integrated PWMController
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

SCM1710ASA Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  SCM1710ASA Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VER.A5 2019.07 Page
of 13
2
Contents
Features..............................................................................................1
Package..............................................................................................1
Application..........................................................................................1
Functional Description......................................................................1
Typical Application Circuit................................................................1
Pins......................................................................................................2
Internal Block Diagram.....................................................................2
Pin Descriptions................................................................................ 2
Absolute Maximum Ratings.............................................................3
Recommended Operating Conditions........................................... 3
Electrical Characteristics..................................................................3
Typical Curves...................................................................................5
Application Circuit............................................................................. 6
Chip Description................................................................................7
Ordering Information.......................................................................11
Pins
Internal Block Diagram
Pin descriptions
No.
Name
I/O
Description
1
UVP
I
The power supply line input voltage is sensed via a resistor for undervoltage protection
2
FB
I
The voltage feedback pin realizes loop feedback by means of opto-coupler signal and adjusts the PWM
duty cycle ratio in combination with the current sampling (CS) signal.
3
CS
I
Current sampling input pin
4
BOS
I
BOS pin multiplexes: External NTC thermistor for overtemperature protection.
5
RI
I
PWM’s operating frequency set by external resistor to ground which is connected in parallel with a capacitor
for frequency jittering, thus improving full-load EMI.
6
GND
P
Ground reference
7
GATE
O
Power MOSFET gate drive pin
8
VDD
P
Chip power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com