Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1710ASA Datasheet(PDF) 10 Page - MORNSUN Science& Technology Ltd.

Part # SCM1710ASA
Description  Highly Integrated PWMController
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

SCM1710ASA Datasheet(HTML) 10 Page - MORNSUN Science& Technology Ltd.

Back Button SCM1710ASA Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 10Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 11Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 12Page - MORNSUN Science& Technology Ltd. SCM1710ASA Datasheet HTML 13Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
VER.A5 2019.07 Page
of 13
10
VFB voltage falls below 4.55V before the total time reaches TD_PL, then the VFB overvoltage protection will not be triggered. After the duration of the VFB
overvoltage protection sleep mode TSLEEP (i.e. 216TOSC) is reached, the chip will deactivate the VFB overvoltage protection, decrease the VFB voltage with
the help of the soft starter and, successively entering a soft start sequence assuming there is no other protection mode detected.
The VFB overvoltage protection function can also be used to detect protection from overpower (OPP), output short circuit (OSP) and open loop (OLP)
situations because if the VFB voltage increases to a level of 4.55V or higher due to overpower, output short circuit or open loop, the protection is being
activated.
The figure below shows the sequence of VFB and GATE signal in case of an output short circuit condition. T1 indicates the soft start process, VFB
changes with the capacitor charging voltage VSOFT during soft start sequence. T2 denotes VFB overvoltage protection delay time, with GATE signal not yet
forced to be stoped. T3 shows VFB overvoltage protection sleep time duration, after which the chip resets and re-initiates a soft start sequence.T4 is the
initial blanking time, it contains 4 periods of internal clock.
If an output fault condition remains, the above process will repeat itself periodically.
Fig.16 VFB overvoltage protection sequence
Overtemperature Protection
The BOS pin is connected to a NTC thermistor which realizes the overtemperature protection.
The overtemperature protection is enabled when the voltage at the BOS pin is below 2.4V and disabled when the BOS pin voltage is above 2.4V.
RI
V
I
BOS
2
(15)
Current from BOS pin with a voltage greater than 2.4V:
RI
V
I
BOS
2
4
3 
(16)
Current from the BOS pin with a voltage lower than 2.4V:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com