Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICVN2103C150PR Datasheet(PDF) 6 Page - Johanson Dielectrics Inc

Part # ICVN2103C150PR
Description  SMD CHIP VARISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSONDIELECTRICS [Johanson Dielectrics Inc]
Direct Link  https://www.johansondielectrics.com/
Logo JOHANSONDIELECTRICS - Johanson Dielectrics Inc

ICVN2103C150PR Datasheet(HTML) 6 Page - Johanson Dielectrics Inc

  ICVN2103C150PR Datasheet HTML 1Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 2Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 3Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 4Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 5Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 6Page - Johanson Dielectrics Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
15191 Bledsoe St., Sylmar, CA 91342
Tel (818) 364-9800
• Fax (818) 364-6100
Varistors
Page 7 of 14
CHIP VARISTOR PERFORMANCE (Continued)
ITEM
REQUIREMENTS
All Sizes
TEST CONDITION
Humidity load
resistance
1. No mechanical damage
2. Varistor voltage change: within ± 10%
Temperature:
+40 ±2
° C
Humidity:
90—95%RH
Applied Voltage:
working voltage
Duration:
500 hours
Measured after 24 hours at room ambient
temperature
Maximum surge
current
1.Varistor voltage change: within ± 10%
IECI000-4-5 standard
1.2/50 µs - 8/20 µs voltage-current
combination pulse
Temperature:
+40 ±2
° C
Humidity:
90—95%RH
Polarity:
+, -
Number of pulses
one (1)
Surge pulse:
8/20
µs
Applied current:
maximum surge
current (Is)
Maximum surge
energy
Varistor voltage change: within ± 10%
IECI000-4-5 standard
10/1000 µs current pulse
Temperature:
+40 ±2
° C
Humidity:
90—95%RH
Polarity:
+, -
Number of pulses
one (1)
Surge pulse:
10/1000 µs
Applied current:
maximum surge
current (Ws)
ESD life
1.No mechanical damage
2. Varistor voltage change: within ± 10%
ESD gun (IEC1000-4-2 standard)
C=l50pF R=330
Ω
Discharge:
contact discharge
Voltage:
8,000V(level 4)
Polarity:
+, -
Number of
discharges:
10,000 times in 10
sec.
ESD test
1.No mechanical damage
2. Varistor voltage change: within ± 10%
ESD gun (IEC1000-4-2 standard)
C=l50pF R=330
Ω
Discharge:
Air discharge
Voltage:
25,000V(special
level)
Polarity:
+, -
Number of
discharges:
10 times in 10 sec
ZINC OXIDE LEADED VARISTORS
FEATURES
APPLICATIONS
•
Voltage range from 18V up to
1800V
•
Fast response time
•
Symmetrical V-I (Volt-Amp)
characteristics
•
High surge current (2000A/cm
2)
•
No follow on current
General Type:
• Semiconductor surge protection (IC, diodes,triacs, thyristors)
• Military and Industrial telecom
• Powerline noise suppression
• Measurement and control instrumentation
Lightning Arrester Type:
• Semiconductor protection (IC, diodes,triacs, thyristors)
• Telecom base station and distribution boards
• Measurement and control instrumentation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com