Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICVN2103C150PR Datasheet(PDF) 3 Page - Johanson Dielectrics Inc

Part # ICVN2103C150PR
Description  SMD CHIP VARISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSONDIELECTRICS [Johanson Dielectrics Inc]
Direct Link  https://www.johansondielectrics.com/
Logo JOHANSONDIELECTRICS - Johanson Dielectrics Inc

ICVN2103C150PR Datasheet(HTML) 3 Page - Johanson Dielectrics Inc

  ICVN2103C150PR Datasheet HTML 1Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 2Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 3Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 4Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 5Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 6Page - Johanson Dielectrics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15191 Bledsoe St., Sylmar, CA 91342
Tel (818) 364-9800
• Fax (818) 364-6100
Varistors
Page 4 of 14
CHIP VARISTOR CONFIGURATION AND DIMENSIONS
CHIP SIZE CODE
DIMENSIONS in mm (inch)
CODE
EIA
METRIC
L
W
T
L1
05
0402
1005
1.0± 0.05
.040 ± .002
0.5 ± 0.05
.020 ± .002
0.5 ± 0.05
.020 ± .002
0.2 + 0.15/-0.1
.020 + .006 - .004
10
0603
1608
1.6 ± 0.1
.063 ± .004
0.8 ±0.1
.031 ± .004
0.8 ±0.1
.031 ± .004
0.3 ± 0.2
.012 ± .008
21
0805
2012
2.0 ± 0.1
.079 ± .004
1.25± 0.1
.050 ± .004
1.35 MAX
.053 max
0.5+ 0.21-0.3
.020 + .008 - .012
31
1206
3216
3.2 ± 0.15
.126 ± .006
1.6 ± 0.15
.063 ± .006
1.35 MAX
.057 max
0.5+ 0.21-0.3
.020 + .008 - .012
Note: METRIC dimensions throughout this document govern, unless specifically indicated otherwise.
HIGH SPEED TYPE CHIP VARISTORS
•
Typical ESD failure voltage for CMOS and/or Bi Polar is
≥200V.
• 15kV ESD pulse (air discharge) per IEC 1000-4-2.Level 4, generates <2OmJ of energy.
• Low capacitance (<200pF) is required for high-speed data transmission.
• Low leakage current(lL) is necessary for battery operated equipment.
JC Part Number
Working
Voltage
Clamping
Voltage
Peak
Current
Transient
Energy
Capacitance
Symbol
VWM
VC
Ipeak
Etrans
C
Units
Volts
(max)
Volts
(max)
Amp
(max.)
Joules
(max.)
pF
(typ.)
Chip Size
Test Condition
<50
µA
8/20
µs
8/20
µs
10/1000
µs
0.5Vrms @
1MHz
1005
ICVL0518V500
≤18.0
<50.0
15
0.02
40
1608
ICVL1018X500
≤18.0
50
20
0.05
75
2012
ICVL2118A500
≤18.0
50
30
0.1
100
3216
ICVL3118A500
≤18.0
50
30
0.1
200
TERMINOLOGY
• VWM: Maximum steady state DC operating voltage the varistor can maintain and not exceed
50
µA leakage current.
• VB: Voltage across the device measured at 1 mA DC current
• VC: Maximum peak voltage across the varistor measured at a specified pulse and
waveform
•
Ipeak: Maximum peak current which may be applied with the specified waveform without
device failure
•
C: Device capacitance measured @0.5Vrms and 1MHz with zero volt bias applied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com