Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICVN2103C150PR Datasheet(PDF) 2 Page - Johanson Dielectrics Inc

Part # ICVN2103C150PR
Description  SMD CHIP VARISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSONDIELECTRICS [Johanson Dielectrics Inc]
Direct Link  https://www.johansondielectrics.com/
Logo JOHANSONDIELECTRICS - Johanson Dielectrics Inc

ICVN2103C150PR Datasheet(HTML) 2 Page - Johanson Dielectrics Inc

  ICVN2103C150PR Datasheet HTML 1Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 2Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 3Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 4Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 5Page - Johanson Dielectrics Inc ICVN2103C150PR Datasheet HTML 6Page - Johanson Dielectrics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15191 Bledsoe St., Sylmar, CA 91342
Tel (818) 364-9800
• Fax (818) 364-6100
Varistors
Page 3 of 14
HOW TO ORDER Chip Varistors
ICVN
05
05 X 150 P B
1
2
3 4
5 6 7
1 SERIES NAME
CODE
PRODUCT NAME
ICVN
Normal type chip varistor
ICVL
Low capacitance type chip varistor
2 SIZE DESIGNATOR
CODE
SIZE in MM (inches)
05
1.0 X 0.5 (.040 x .020)
10
1.6 X 0.8 (.063 x .031)
21
2.0 X1.25 (.079 x .050)
31
3.2 X 1.6 (.126 x .063)
3 WORKING VOLTAGE
CODE
VOLTAGE (VDC)
CODE
VOLTAGE (VDC)
03
3.3
18
18.0
05
5.6
26
26.0
09
9.0
30
30.0
12
12.0
48
48.0
14
14.0
60
60.0
4 ENERGY
CODE
ENERGY (J)
CODE
ENERGY (J)
A
0.1
H
1.2
C
0.3
J
1.5
D
0.4
P
3.0
F
0.7
V
0.02
G
0.9
X
0.05
5 CLAMPING VOLTAGE
CODE
VOLTAGE (V)
CODE
VOLTAGE (V)
100
10.0
500
50.0
150
15.5
560
56.0
200
20.0
580
58.0
250
25.0
620
62.0
300
30.0
650
65.0
390
39.0
101
100.0
400
40.0
121
120.0
6 TERMINATION TYPE
CODE
TYPE
S
Solderable (Ag/Pd/Pt)
P
Electroplate (Ni Sn)
7 PACKAGING TYPE
CODE
TYPE
B
Bulk Case Packaging
R
Paper Tape & Reel pack
E
Embossed Plastic Tape & Reel pack
P/N Example: ICVN0518X400SE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com