Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6892A.. Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDS6892A..
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6892A.. Datasheet(HTML) 4 Page - ON Semiconductor

  FDS6892A.. Datasheet HTML 1Page - ON Semiconductor FDS6892A.. Datasheet HTML 2Page - ON Semiconductor FDS6892A.. Datasheet HTML 3Page - ON Semiconductor FDS6892A.. Datasheet HTML 4Page - ON Semiconductor FDS6892A.. Datasheet HTML 5Page - ON Semiconductor FDS6892A.. Datasheet HTML 6Page - ON Semiconductor FDS6892A.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS6892A Rev C (W)
Typical Characteristics
0
10
20
30
40
0
0.5
1
1.5
2
2.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
2.5V
2.0V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
10
20
30
40
ID, DRAIN CURRENT (A)
V
GS = 2.0V
4.5V
3.0V
2.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 7.5A
VGS = 4.5V
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
1
2
3
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.8A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
T
A = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com