Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6892A.. Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDS6892A..
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6892A.. Datasheet(HTML) 5 Page - ON Semiconductor

  FDS6892A.. Datasheet HTML 1Page - ON Semiconductor FDS6892A.. Datasheet HTML 2Page - ON Semiconductor FDS6892A.. Datasheet HTML 3Page - ON Semiconductor FDS6892A.. Datasheet HTML 4Page - ON Semiconductor FDS6892A.. Datasheet HTML 5Page - ON Semiconductor FDS6892A.. Datasheet HTML 6Page - ON Semiconductor FDS6892A.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDS6892A Rev C (W)
Typical Characteristics
0
1
2
3
4
5
0
5
10
15
Qg, GATE CHARGE (nC)
ID = 7.5A
VDS = 5V
10V
15V
0
500
1000
1500
2000
0
5
10
15
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
COSS
C
RSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µ
R
DS(ON) LIMIT
VGS = 4.5V
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 135
o
C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com