Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6892A.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDS6892A..
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6892A.. Datasheet(HTML) 2 Page - ON Semiconductor

  FDS6892A.. Datasheet HTML 1Page - ON Semiconductor FDS6892A.. Datasheet HTML 2Page - ON Semiconductor FDS6892A.. Datasheet HTML 3Page - ON Semiconductor FDS6892A.. Datasheet HTML 4Page - ON Semiconductor FDS6892A.. Datasheet HTML 5Page - ON Semiconductor FDS6892A.. Datasheet HTML 6Page - ON Semiconductor FDS6892A.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
October 2001
©2001 Fairchild Semiconductor Corporation
FDS6892A Rev C (W)
FDS6892A
Dual N-Channel Logic Level PWM Optimized PowerTrench
®
® MOSFET
General Description
These N-Channel Logic Level MOSFETs are produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
• 7.5 A, 20 V.
RDS(ON) = 18 m
Ω @ V
GS = 4.5 V
RDS(ON) = 24 m
Ω @ V
GS = 2.5 V
• Low gate charge (12 nC)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D2
D2
D1
D1
S2
G2
S1
G1
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 12
V
ID
Drain Current
– Continuous
(Note 1a)
7.5
A
– Pulsed
30
Power Dissipation for Dual Operation
2
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
PD
(Note 1c)
0.9
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6892A
FDS6892A
13’’
12mm
2500 units



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com