Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101C027 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC101C027
Description  ADC101C021/ADC101C027 I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101C027 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC101C027 Datasheet HTML 9Page - Texas Instruments ADC101C027 Datasheet HTML 10Page - Texas Instruments ADC101C027 Datasheet HTML 11Page - Texas Instruments ADC101C027 Datasheet HTML 12Page - Texas Instruments ADC101C027 Datasheet HTML 13Page - Texas Instruments ADC101C027 Datasheet HTML 14Page - Texas Instruments ADC101C027 Datasheet HTML 15Page - Texas Instruments ADC101C027 Datasheet HTML 16Page - Texas Instruments ADC101C027 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
ADC101C021, ADC101C027
www.ti.com
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
fSCL = 400kHz, fSAMPLE = 22kSPS, fIN = 1kHz, VA = 5.0V, TA = +25°C, unless otherwise stated.
ENOB vs. Supply
SINAD vs. Supply
Figure 8.
Figure 9.
FFT Plot - VA=3V
FFT Plot - VA=3V
Figure 10.
Figure 11.
Offset Error vs. Temperature
Gain Error vs. Temperature
Figure 12.
Figure 13.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC101C021 ADC101C027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com