Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L730 Datasheet(PDF) 3 Page - Legrand North America, LLC

Part # L730
Description  Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

L730 Datasheet(HTML) 3 Page - Legrand North America, LLC

  L730 Datasheet HTML 1Page - Legrand North America, LLC L730 Datasheet HTML 2Page - Legrand North America, LLC L730 Datasheet HTML 3Page - Legrand North America, LLC L730 Datasheet HTML 4Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3rd Party Compliance
UL Listed, File Number E146159, Standard UL498, Attachment Plugs and Receptacles.
Federal Specification WC596.
CSA Certified, File Number LR1765, Standard CSA-C22.2 No. 42, General Use Receptacles and
Attachment Plugs.
Conforms to NEMA WD-1.
TECHNICAL SPECIFICATIONS
Materials
Standard
Corrosion-Resistant
Back Body
Nylon
Nylon
Front Body
Nylon
Nylon
Terminal Chamber
Polycarbonate
Polycarbonate
Cord Clamp
Nylon
Nylon
* Dust Cover
Kraton
Kraton
Plug Blades
15 & 20A = Brass
15 & 20A = Nickel-Plated Brass
30A = Tin-Plated Brass
30A = Tin-Plated Brass
Connector Contacts
15 & 20A = Brass
15 & 20A = Nickel-Plated Brass
30A = Tin-Plated Brass
30A = Tin-Plated Brass
Terminal Clamp
15A = Zinc-Plated Steel
15A = Nickel-Plated Steel
20A = Nickel-Plated Steel
20A = Nickel-Plated Steel
30A = Brass
30A = Nickel-Plated Brass
Terminal Screws
15A = Nickel- or Brass-Plated Steel
15A = Nickel-Plated Steel
20 & 30A = Brass
20 & 30A = Nickel-Plated Brass
Ground Screws
15A = Nickel-Plated Steel
15A = Nickel-Plated Steel
20 & 30A = Brass
20 & 30A = Nickel-Plated Brass
Cord Clamp Screws
Nickel-Plated Steel
Nickel-Plated Steel
Assembly Screws
Nickel-Plated Steel
Nickel-Plated Steel
PASS & SEYMOUR®
Industrial Spec Grade Turnlok® Locking Devices
3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
Dimensions for
15 Amp Plug
1.752"
1.516"
1.844"
2.617"
1.358"
Dimensions for
15 Amp Connector
2.598"
1.752"
1.358"
1.516"
Dimensions for
20 & 30 Amp Plug
3.75"
2.57"
Dimensions for
20 & 30 Amp Connector
2.20"
3.33"
2.20"
Performance
Electrical
Dielectric Withstand Voltage
15A = 1600V minimum, 20 & 30A = 2200V minimum
Maximum Working Voltage
15A = 277VAC, 20 & 30A = 600VAC
Current Interrupting
Certified for current interrupting at full-rated current
Temperature Rise
30°C maximum after 50 cycles at 150% rated current
Mechanical
Cord Accommodations
Round portable service cords of diameters in accordance
with the device rating as defined in UL62
Cord Grip Accommodations
15A = .230"-.720" diameter, 20 & 30A = .225"-1.150" diameter
Terminal Identification
15A = Green = Ground, White = Neutral, Brass = Hot
20 & 30A = “GR” and Green color = Ground, “WH” and White
color = Neutral, “X”, “Y”, “Z” = Hot
Terminal Accommodation
15A = #18 AWG min. – #10 AWG max.
20A = #18 AWG min. – #8 AWG max.
30A = #18 AWG min. – #6 AWG max.
Product Identification
Amperage, Voltage, 3rd Party Compliance, NEMA Configuration
hot stamped onto device
Environmental
Flammability
UL94 V2
Operating Temperature
Maximum continuous +75°C, minimum -40°C without impact
Warranty
1 Year
*Dust Cover available only in 20 & 30 Amp Plugs & Connectors.
SF1702R4 — Updated January 2016 — For latest specs visit www.legrand.us/passandseymour
Download this product’s PEP ecopasport
®
environmental product declaration at
www.legrand.us/resources-and-downloads.
This declaration conforms with ISO 14025 and
14040 and is in alignment with EN 15804.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com