Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L730 Datasheet(PDF) 1 Page - Legrand North America, LLC

Part # L730
Description  Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

L730 Datasheet(HTML) 1 Page - Legrand North America, LLC

  L730 Datasheet HTML 1Page - Legrand North America, LLC L730 Datasheet HTML 2Page - Legrand North America, LLC L730 Datasheet HTML 3Page - Legrand North America, LLC L730 Datasheet HTML 4Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Every component of these durable Turnlok locking
plugs and connectors are built to offer the lowest
installed cost with maximum durability. Quick-thread
assembly screws install four times faster than
competitive product and backed-out screws come
ready-to-wire. The rugged easy-to-grip nylon housing,
clear thermoplastic terminal chambers as well as high-
strength brass alloy blades and contacts combine
to give Legrand the premium selection of P&S Turnlok
plugs and connectors.
PSL515, CRL515, PSL615, PSL715, L520, CRL520, L620, CRL620, L720, L530,
CRL530, L630, CRL630, L730
Tough enough for
industrial environments.
FEATURES & BENEFITS
FIELD USES / VERTICAL MARKETS
n
Industrial
n
Health Care
n
Education
n
Institutional
n
Retail
n
Office
n
Hospitality/Lodging
SF1702R4 — Updated January 2016 — For latest specs visit www.legrand.us/passandseymour
PASS & SEYMOUR®
Industrial Spec Grade Turnlok® Locking Devices
3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
Industrial-strength, brass
alloy plug blades and
connector contacts resist
heat rise, provide excellent
conductivity.
L630C & L630P
Integral flexible rubber cord
grommet conforms to and seals around
SO cord to provide protection from oils,
water, or chips entering wiring chamber.
New-design external cord grips
provide visible assurance of safe
and proper cord retention.
Impact- and
corrosion-resistant
durable nylon 6/6
shell material.
Rounded back contour
reduces snags and hang-
ups on the job site.
Visible stamped NEMA
configuration and
device rating.
Double dovetail
design provides
superior protection
against cord
pull-out forces.
Scallop shell design
provides non-slip gripping
surface for insertion and
withdrawal.
Raised ribs provide non-slip gripping
profile for turning to lock and unlock.
Quick-thread assembly
screws and cord-grip screws
come backed-out, ready-to-wire.
Installs four times faster.


Similar Part No. - L730

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
L7300 INTEL-L7300 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Hamamatsu Corporation
L7306 HAMAMATSU-L7306 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L7307 HAMAMATSU-L7307 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
logo
List of Unclassifed Man...
L730FI ETC2-L730FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
L730FO ETC2-L730FO Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
More results

Similar Description - L730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
logo
Molex Electronics Ltd.
130145-0037 MOLEX11-130145-0037 Datasheet
54Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
130145-0017 MOLEX11-130145-0017 Datasheet
53Kb / 1P
Safeway Plug with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
130146-0088 MOLEX11-130146-0088 Datasheet
52Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301450037 MOLEX11-1301450037 Datasheet
36Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
1301480106 MOLEX11-1301480106 Datasheet
40Kb / 1P
Safeway Duplex Receptacle, Spec Grade, 2 Pole/3 Wire, NEMA 6-20, 250V
1301490069 MOLEX11-1301490069 Datasheet
33Kb / 1P
Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA L6-20, 250V
1301460106 MOLEX11-1301460106 Datasheet
46Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301460088 MOLEX11-1301460088 Datasheet
45Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301470027 MOLEX11-1301470027 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com