Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L730 Datasheet(PDF) 4 Page - Legrand North America, LLC

Part # L730
Description  Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

L730 Datasheet(HTML) 4 Page - Legrand North America, LLC

  L730 Datasheet HTML 1Page - Legrand North America, LLC L730 Datasheet HTML 2Page - Legrand North America, LLC L730 Datasheet HTML 3Page - Legrand North America, LLC L730 Datasheet HTML 4Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALSO AVAILABLE . . .
n
USB Charging Devices
n
Hospital Grade Devices
n
PlugTail™ Devices
n
Switches
n
Straight Blade Receptacles
n
Lighting & Fan Controls
n
Weatherproof Boxes & Covers
n
Wall Plates
n
Flexcor® Wire Mesh Grips
n
Configurable Solutions
n
GFCIs
© Copyright 2016 All Rights Reserved Legrand EWS/CGXTP
SF1702R4 – Updated January 2016 – For latest specs visit www.legrand.us/passandseymour
Electrical Wiring Systems
P.O. Box 4822
Syracuse, NY 13221-4822
Phone: 1.800.776.4035
www.legrand.us/passandseymour
570 Applewood Crescent
Vaughan, Ontario L4K 4B4
Phone:905.738.9195
www.legrand.ca
NOTES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com