Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985IM5-2.0/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LP2985IM5-2.0/NOPB
Description  LP2985LV-N Micropower 150-mA, Low-Noise, Low-Dropout Regulator in SOT-23 and DSBGA Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2985IM5-2.0/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2985IM5-2.0/NOPB Datasheet HTML 13Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 14Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 15Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 16Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 17Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 18Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LP2985LV-N
www.ti.com
SNOS510Q – NOVEMBER 1999 – REVISED OCTOBER 2016
Product Folder Links: LP2985LV-N
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. High-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. 10-nF polypropolene and
polycarbonate film capacitors are available in small surface-mount packages and typically have extremely low
leakage current.
8.2.2.2 Capacitor Characteristics
The LP2985LV-N is designed to work with ceramic capacitors on the output to take advantage of the benefits
they offer: for capacitance values in the 2.2-µF to 4.7-µF range, ceramics are the least expensive and also have
the lowest ESR values (making them best for eliminating high-frequency noise). The ESR of a typical 2.2-µF
ceramic capacitor is in the range of 10 mΩ to 20 mΩ, which easily meets the ESR limits required for stability by
the device.
One disadvantage of ceramic capacitors is that their capacitance can vary with temperature. Most large value
ceramic capacitors (
≥ 2.2 µF) are manufactured with the Z5U or Y5V temperature characteristic, which results in
the capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
Problems may ensue if a 2.2-µF capacitor is used on the output because it drops down to approximately 1 µF at
high ambient temperatures (which could cause the LM2985 to oscillate). If Z5U or Y5V capacitors are used on
the output, a minimum capacitance value of 4.7 µF must be observed.
A better choice for temperature coefficient in ceramic capacitors is X7R, which holds the capacitance within
±15%. Unfortunately, the larger values of capacitance are not offered by all manufacturers in the X7R dielectric.
8.2.2.2.1
Tantalum
Tantalum capacitors are less desirable than ceramics for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1 µF to 4.7 µF range.
An additional important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value.
Note that the ESR of a typical tantalum increases about 2:1 as the temperature goes from 25°C down to
−40°C,
so some guard band must be allowed.
8.2.2.3 On/OFF Input Operation
The LP2985LV-N is shut off by driving the ON/OFF input low, and turned on by pulling it high. If this feature is
not to be used, the ON/OFF input must be tied to VIN to keep the regulator output on at all times.
To assure proper operation, the signal source used to drive the ON/OFF input must be able to swing above and
below the specified turnon/turnoff voltage thresholds listed inElectrical Characteristics under VON/OFF. To prevent
mis-operation, the turnon (and turnoff) voltage signals applied to the ON/OFF input must have a slew rate which
is
≥ 40 mV/µs.
CAUTION
The regulator output voltage cannot be ensured if a slow-moving AC (or DC) signal is
applied that is in the range between the specified turnon and turnoff voltages listed
under the electrical specification VON/OFF (see Electrical Characteristics).
8.2.2.4 Reverse Input-Output Voltage
The PNP power transistor used as the pass element in the LP2985LV-N has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse-biased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com