Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985IM5-2.0/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP2985IM5-2.0/NOPB
Description  LP2985LV-N Micropower 150-mA, Low-Noise, Low-Dropout Regulator in SOT-23 and DSBGA Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2985IM5-2.0/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP2985IM5-2.0/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 21Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 22Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 23Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 24Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 25Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 26Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LP2985LV-N
www.ti.com
SNOS510Q – NOVEMBER 1999 – REVISED OCTOBER 2016
Product Folder Links: LP2985LV-N
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
10.3 DSBGA Mounting
The DSBGA package requires specific mounting techniques which are detailed in AN-1112 DSBGA Wafer Level
Chip Scale Package. Referring to the section Surface Mount Technology (SMT) Assembly Considerations, note
that the pad style which must be used with the 5-pin package is the NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
10.4 DSBGA Light Sensitivity
Exposing the DSBGA device to direct sunlight cause misoperation of the device. Light sources such as Halogen
lamps can also affect electrical performance if brought near to the device.
The wavelengths which have the most detrimental effect are reds and infra-reds, which means that the
fluorescent lighting used inside most buildings has very little effect on performance. A DSBGA test board was
brought to within 1 cm of a fluorescent desk lamp and the effect on the regulated output voltage was negligible,
showing a deviation of less than 0.1% from nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com