Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985IM5-2.0/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2985IM5-2.0/NOPB
Description  LP2985LV-N Micropower 150-mA, Low-Noise, Low-Dropout Regulator in SOT-23 and DSBGA Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2985IM5-2.0/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2985IM5-2.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 9Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 10Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 11Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 12Page - Texas Instruments LP2985IM5-2.0/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LP2985LV-N
www.ti.com
SNOS510Q – NOVEMBER 1999 – REVISED OCTOBER 2016
Product Folder Links: LP2985LV-N
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: CIN = 1 µF, COUT = 4. 7µF, VIN = VOUT(NOM) + 1, VOUT = 1.8 V, TA = 25°C, ON/OFF pin is tied to
VIN.
Figure 13. Minimum Input Voltage vs Temperature
Figure 14. Input Current vs VIN
Figure 15. Input Current vs VIN
Figure 16. Input Current vs VIN
Figure 17. Ground Pin Current vs Temperature
Figure 18. Instantaneous Short Circuit Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com