Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5521TM Datasheet(PDF) 34 Page - Texas Instruments

Part # LP5521TM
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP5521TM Datasheet HTML 30Page - Texas Instruments LP5521TM Datasheet HTML 31Page - Texas Instruments LP5521TM Datasheet HTML 32Page - Texas Instruments LP5521TM Datasheet HTML 33Page - Texas Instruments LP5521TM Datasheet HTML 34Page - Texas Instruments LP5521TM Datasheet HTML 35Page - Texas Instruments LP5521TM Datasheet HTML 36Page - Texas Instruments LP5521TM Datasheet HTML 37Page - Texas Instruments LP5521TM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
34
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.11 G Channel Program Counter Value (G Channel PC)
Address 0AH
Reset value 00H
Table 31. G Channel PC Register
7
6
5
4
3
2
1
0
G_PC[3]
G_PC[2]
G_PC[1]
G_PC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
G_PC
3:0
R/W
G channel program counter value
PC registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is 'hold'.
7.6.12 B Channel Program Counter Value (B Channel PC)
Address 0BH
Reset value 00H
Table 32. B Channel PC Register
7
6
5
4
3
2
1
0
B_PC[3]
B_PC[2]
B_PC[1]
B_PC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
B_PC
3:0
R/W
B channel program counter value
PC registers are synchronized to a 32-kHz clock. Delay between consecutive I2C writes to PC registers must be
longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is 'hold'.
7.6.13 Status/Interrupt Register
Address 0CH
Reset value 00H
Table 33. STATUS/INTERRUPT Register
7
6
5
4
3
2
1
0
EXT_CLK
USED
R_INT
G_INT
B_INT
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
EXT_CLK
USED
3
R
External clock state
0 = Internal 32kHz clock used
1 = External 32kHz clock used
R_INT
2
R
High
Interrupt from R channel
G_INT
1
R
High
Interrupt from G channel
B_INT
0
R
High
Interrupt from B channel
Note: Register INT bits will be cleared when read operation to Status/Interrupt register occurs. INT output pin
(active low) will go high after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com