Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5521TM Datasheet(PDF) 37 Page - Texas Instruments

Part # LP5521TM
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP5521TM Datasheet HTML 33Page - Texas Instruments LP5521TM Datasheet HTML 34Page - Texas Instruments LP5521TM Datasheet HTML 35Page - Texas Instruments LP5521TM Datasheet HTML 36Page - Texas Instruments LP5521TM Datasheet HTML 37Page - Texas Instruments LP5521TM Datasheet HTML 38Page - Texas Instruments LP5521TM Datasheet HTML 39Page - Texas Instruments LP5521TM Datasheet HTML 40Page - Texas Instruments LP5521TM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Capacitor Selection
The LP5521 requires 4 external capacitors for proper operation (CIN = COUT = 1 μF, CFLY1 = CFLY2 = 470 nF).
Surface-mount multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR < 20 m
Ω typical). Tantalum capacitors, OS-CON capacitors,
and aluminum electrolytic capacitors are not recommended for use with the LP5521 due to their high ESR, as
compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LP5521. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over –55°C to 125°C; X5R: ±15% over –55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LP5521.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, –20%) and
vary significantly over temperature (Y5V: +22%, –82% over –30°C to +85°C range; Z5U: +22%, –56% over
+10°C to +85°C range). Under some conditions, a nominal 1-μF Y5V or Z5U capacitor could have a capacitance
of only 0.1 μF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LP5521.
The minimum voltage rating acceptable for all capacitors is 6.3 V. The recommended voltage rating of the output
capacitor is 10 V to account for DC bias capacitance losses.
NOTE
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance
reduction with the increased applied voltage (DC bias effect). The capacitance value can
fall below half of the nominal capacitance. Choose output and input capacitor with DC bias
voltage effect better than –50% at 5 V voltage (0.5 μF at 5 V).
Table 36. External Component Examples
MODEL
TYPE
VENDOR
VOLTAGE RATING
SIZE INCH (mm)
1 μF for COUT and CIN
C1005X5R1A105K
Ceramic X5R
TDK
10 V
0402 (1005)
ECJ0EB1A105M
Ceramic X5R
Panasonic
10 V
0402 (1005)
ECJUVBPA105M
Ceramic X5R, array of two
Panasonic
10 V
0504
470 nF for CFLY1-2
C1005X5R1A474K
Ceramic X5R
TDK
10 V
0402 (1005)
ECJ0EB0J474K
Ceramic X5R
Panasonic
10 V
0402 (1005)
LEDs
User Defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com