Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5521TM Datasheet(PDF) 40 Page - Texas Instruments

Part # LP5521TM
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5521TM Datasheet HTML 36Page - Texas Instruments LP5521TM Datasheet HTML 37Page - Texas Instruments LP5521TM Datasheet HTML 38Page - Texas Instruments LP5521TM Datasheet HTML 39Page - Texas Instruments LP5521TM Datasheet HTML 40Page - Texas Instruments LP5521TM Datasheet HTML 41Page - Texas Instruments LP5521TM Datasheet HTML 42Page - Texas Instruments LP5521TM Datasheet HTML 43Page - Texas Instruments LP5521TM Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
TRIG
SDA
SCL
EN
G
ADDR
SEL0
INT
R
ADDR
SEL1
B
CFLY
2P
CFLY
1P
CLK
32K
GND
VDD
GND
CFLY
2N
VOUT
CFLY
1N
GPO
MicroVias
Vias to GND plane
To LEDs
Control signals
Top Layer
Inner Layer
40
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Initialization Setup (continued)
–
Wait 500 µs (start-up delay)
2. Enable charge pump 1.5x mode and use internal clock:
–
Write to address 08H 0001 0001b
3. Direct PWM control:
–
Write to address 01H 0011 1111b (Configure R, G and B channels into "Direct PWM control mode")
4. Write PWM values:
–
Write to address 02H 1000 0000b (R driver PWM 50% duty cycle)
–
Write to address 03H 1100 0000b (G driver PWM 75% duty cycle)
–
Write to address 04H 1111 1111b (B driver PWM 100% duty cycle)
LEDs are turned on after the PWM values are written. Changes to the PWM value registers are reflected
immediately to the LED brightness. Default LED current (17.5 mA) is used for LED outputs, if no other values are
written.
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.7 V and 5.5V. In a typical
application this is from single Li-ion battery cell. This input supply must be well regulated and able to withstand
maximum input current and maintain stable voltage without voltage drop even at load transition condition (start-
up or rapid brightness change). The resistance of the input supply rail must be low enough that the input current
transient does not cause drop below a 2.7-V level in the LP5521 supply voltage.
10 Layout
10.1 Layout Guidelines
Place capacitors as close to the LP5521 device as possible to minimize the current loops. Figure 31 shows an
example of LP5521 PCB layout and component placement.
10.2 Layout Example
Figure 31. Example of Typical Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com