Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV812 Datasheet(PDF) 7 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 3Page - Texas Instruments LPV812 Datasheet HTML 4Page - Texas Instruments LPV812 Datasheet HTML 5Page - Texas Instruments LPV812 Datasheet HTML 6Page - Texas Instruments LPV812 Datasheet HTML 7Page - Texas Instruments LPV812 Datasheet HTML 8Page - Texas Instruments LPV812 Datasheet HTML 9Page - Texas Instruments LPV812 Datasheet HTML 10Page - Texas Instruments LPV812 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
1m
10m
100m
1
10
100
1k
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C001
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C003
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
0.15
0.3
0.45
0.6
0.75
0.9
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C003
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
0.4
0.8
1.2
1.6
2
2.4
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C003
0
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
C001
+125°C
+25°C
-40°C
0
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
C001
+125°C
+25°C
-40°C
7
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
VCM = V-
LPV811
RL=No Load
Figure 9. Supply Current vs. Supply Voltage, LPV811
VCM = V-
LPV812
RL=No Load
Figure 10. Supply Current vs. Supply Voltage, LPV812
VS= 1.8V
RL= 10MΩ
Figure 11. Typical Offset Voltage vs. Common Mode Voltage
VS= 3.3V
RL= 10MΩ
Figure 12. Typical Offset Voltage vs. Common Mode Voltage
VS= 5V
RL= 10MΩ
Figure 13. Typical Offset Voltage vs. Common Mode Voltage
VS= 5V
TA = -40 to 125
VCM = Vs/2
Figure 14. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com