Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV812 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 4Page - Texas Instruments LPV812 Datasheet HTML 5Page - Texas Instruments LPV812 Datasheet HTML 6Page - Texas Instruments LPV812 Datasheet HTML 7Page - Texas Instruments LPV812 Datasheet HTML 8Page - Texas Instruments LPV812 Datasheet HTML 9Page - Texas Instruments LPV812 Datasheet HTML 10Page - Texas Instruments LPV812 Datasheet HTML 11Page - Texas Instruments LPV812 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
±500
±400
±300
±200
±100
0
100
200
300
400
500
0.0
0.2
0.3
0.5
0.6
0.8
0.9
Common Mode Voltage (V)
C003
±500
±400
±300
±200
±100
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Common Mode Voltage (V)
C006
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
0.0
0.2
0.3
0.5
0.6
0.8
0.9
Common Mode Voltage (V)
C004
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Common Mode Voltage (V)
C005
±100
±80
±60
±40
±20
0
20
40
60
80
100
0.0
0.2
0.3
0.5
0.6
0.8
0.9
Common Mode Voltage (V)
C001
±100
±80
±60
±40
±20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Common Mode Voltage (V)
C002
8
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
VS= 1.8V
TA = -40°C
Figure 15. Input Bias Current vs. Common Mode Voltage
VS= 5V
TA = -40°C
Figure 16. Input Bias Current vs. Common Mode Voltage
VS= 1.8V
TA = 25°C
Figure 17. Input Bias Current vs. Common Mode Voltage
VS= 5V
TA = 25°C
Figure 18. Input Bias Current vs. Common Mode Voltage
VS= 1.8V
TA = 125°C
Figure 19. Input Bias Current vs. Common Mode Voltage
VS= 5V
TA = 125°C
Figure 20. Input Bias Current vs. Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com