Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV812 Datasheet(PDF) 10 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 6Page - Texas Instruments LPV812 Datasheet HTML 7Page - Texas Instruments LPV812 Datasheet HTML 8Page - Texas Instruments LPV812 Datasheet HTML 9Page - Texas Instruments LPV812 Datasheet HTML 10Page - Texas Instruments LPV812 Datasheet HTML 11Page - Texas Instruments LPV812 Datasheet HTML 12Page - Texas Instruments LPV812 Datasheet HTML 13Page - Texas Instruments LPV812 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1
10
100
1k
10k
0
20
40
60
80
100
120
140
Frequency (Hz)
C001
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
110
Frequency (Hz)
+PSRR
-PSRR
C001
500 us/div
C002
500 us/div
C002
500 us/div
C002
500 us/div
C002
10
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
TA = 25
RL= 10MΩ
Vout = 200mVpp
VS= ±0.9V
CL= 20pF
AV = +1
Figure 27. Small Signal Pulse Response, 1.8V
TA = 25
RL= 10MΩ
Vout = 200mVpp
VS= ±2.5V
CL= 20pF
AV = +1
Figure 28. Small Signal Pulse Response, 5V
TA = 25
RL= 10MΩ
Vout = 1Vpp
VS= ±0.9V
CL= 20pF
AV = +1
Figure 29. Large Signal Pulse Response, 1.8V
TA = 25
RL= 10MΩ
Vout = 2Vpp
VS= ±2.5V
CL= 20pF
AV = +1
Figure 30. Large Signal Pulse Response, 5V
TA = 25
RL= 10MΩ
ΔVCM = 0.5Vpp
VS= 5V
CL= 20p
VCM = Vs/2
AV = +1
Figure 31. CMRR vs Frequency
TA = 25
RL= 10MΩ
ΔVS = 0.5Vpp
VS= 3.3V
CL= 20p
VCM = Vs/2
AV = +1
Figure 32. ±PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com