Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6563A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 4Page - STMicroelectronics L6563A Datasheet HTML 5Page - STMicroelectronics L6563A Datasheet HTML 6Page - STMicroelectronics L6563A Datasheet HTML 7Page - STMicroelectronics L6563A Datasheet HTML 8Page - STMicroelectronics L6563A Datasheet HTML 9Page - STMicroelectronics L6563A Datasheet HTML 10Page - STMicroelectronics L6563A Datasheet HTML 11Page - STMicroelectronics L6563A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Electrical characteristics
L6563 - L6563A
8/39
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VINVCLAMP Internal clamp level
IINV = 1 mA
99.5
V
Gv
Voltage gain
Open loop
60
80
dB
GB
Gain-bandwidth product
1
MHz
ICOMP
Source current
VCOMP = 4V, VINV = 2.4 V
-2
-3.5
-5
mA
Sink current
VCOMP = 4V, VINV = 2.6 V
2.5
4.5
mA
VCOMP
Upper clamp voltage
ISOURCE = 0.5 mA
5.7
6.2
6.7
V
Lower clamp voltage
ISINK = 0.5 mA
(2)
2.12.252.4
V
Current sense comparator
ICS
Input bias current
VCS = 0
-1
µA
tLEB
Leading edge blanking
100
200
300
ns
td(H-L)
Delay to output
120
ns
VCSclamp
Current sense reference
clamp
VCOMP = Upper clamp,
VVFF = VMULT =0.5V
1.0
1.08
1.16
V
Vcsoffset
Current sense offset
VMULT = 0, VVFF = 3V
25
mV
VMULT = 3V, VVFF = 3V
5
VCSdis
Ic latch-off level (L6563
only)
(2)
1.6
1.7
1.8
V
Output overvoltage
IOVP
Dynamic OVP triggering
current
17
20
23
µA
Hys
Hysteresis
(4)
15
µA
Static OVP threshold
(2)
2
2.15
2.3
V
Voltage feedforward
VVFF
Linear operation range
RFF = 47 kΩ to GND
0.5
3
V
∆V
Dropout
VMULTpk-VVFF
20
mV
Table 5. Electrical characteristics (continued)
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF between pin GD and GND, CFF =1µF between pin VFF
and GND; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com