Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563A Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6563A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 16Page - STMicroelectronics L6563A Datasheet HTML 17Page - STMicroelectronics L6563A Datasheet HTML 18Page - STMicroelectronics L6563A Datasheet HTML 19Page - STMicroelectronics L6563A Datasheet HTML 20Page - STMicroelectronics L6563A Datasheet HTML 21Page - STMicroelectronics L6563A Datasheet HTML 22Page - STMicroelectronics L6563A Datasheet HTML 23Page - STMicroelectronics L6563A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Application information
L6563 - L6563A
20/39
The twice-mains-frequency (2·fL) ripple appearing across CFF is triangular with a peak-to-
peak amplitude that, with good approximation, is given by:
Equation 4
where fL is the line frequency. The amount of 3
rd harmonic distortion introduced by this
ripple, related to the amplitude of its 2·fL component, will be:
Equation 5
Figure 36 shows a diagram that helps choose the time constant RFF·CFF based on the
amount of maximum desired 3rd harmonic distortion. Always connect RFF and CFF to the
pin, the IC will not work properly if the pin is either left floating or connected directly to
ground.
Figure 36. RFF·CFF as a function of 3
rd harmonic distortion introduced in the input
current
The dynamics of the voltage feedforward input is limited downwards at 0.5V (see Figure 35),
that is the output of the multiplier will not increase any more if the voltage on the VFF pin is
below 0.5V. This helps to prevent excessive power flow when the line voltage is lower than
the minimum specified value (brownout conditions).
V
FF
∆
2V
MULTpk
14f
LRFFCFF
+
---------------------------------------
=
D
3%
100
2
πf
LRFFCFF
---------------------------------
=
D %
3
0.1
1
10
0.01
0.1
1
10
f = 50 Hz
L
f = 60 Hz
L
R
· C
[s]
FF
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com