Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6563A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 14Page - STMicroelectronics L6563A Datasheet HTML 15Page - STMicroelectronics L6563A Datasheet HTML 16Page - STMicroelectronics L6563A Datasheet HTML 17Page - STMicroelectronics L6563A Datasheet HTML 18Page - STMicroelectronics L6563A Datasheet HTML 19Page - STMicroelectronics L6563A Datasheet HTML 20Page - STMicroelectronics L6563A Datasheet HTML 21Page - STMicroelectronics L6563A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Application information
L6563 - L6563A
18/39
6.2
Feedback Failure Protection (FFP)
The OVP function above described is able to handle "normal" overvoltage conditions, i.e.
those resulting from an abrupt load/line change or occurring at start-up. It cannot handle the
overvoltage generated, for instance, when the upper resistor of the output divider (R1) fails
open: the voltage loop can no longer read the information on the output voltage and will
force the PFC pre-regulator to work at maximum ON-time, causing the output voltage to rise
with no control.
A pin of the device (PFC_OK) has been dedicated to provide an additional monitoring of the
output voltage with a separate resistor divider (R3 high, R4 low, see Figure 34). This divider
is selected so that the voltage at the pin reaches 2.5V if the output voltage exceeds a preset
value, usually larger than the maximum Vo that can be expected, also including worst-case
load/line transients.
Example: VO = 400 V, Vox = 475V. Select: R3 = 3MΩ;
then: R4 = 3M
Ω ·2.5/(475-2.5) = 15.87kΩ.
When this function is triggered, the gate drive activity is immediately stopped, the device is
shut down, its quiescent consumption is reduced below 250 µA and the condition is latched
as long as the supply voltage of the IC is above the UVLO threshold. At the same time the
pin PWM_LATCH is asserted high. PWM_LATCH is an open source output able to deliver
3.7V min. with 0.5 mA load, intended for tripping a latched shutdown function of the PWM
controller IC in the cascaded DC-DC converter, so that the entire unit is latched off. To
restart the system it is necessary to recycle the input power, so that the Vcc voltages of both
the L6563/A and the PWM controller go below their respective UVLO thresholds.
The PFC_OK pin doubles its function as a not-latched IC disable: a voltage below 0.2V will
shut down the IC, reducing its consumption below 1 mA. In this case both PWM_STOP and
PWM_LATCH keep their high impedance status. To restart the IC simply let the voltage at
the pin go above 0.26 V.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open or a PFC_OK pin floating will result in shutting down
the IC and stopping the pre-regulator.
6.3
Voltage Feedforward
The power stage gain of PFC pre-regulators varies with the square of the RMS input
voltage. So does the crossover frequency fc of the overall open-loop gain because the gain
has a single pole characteristic. This leads to large trade-offs in the design.
For example, setting the gain of the error amplifier to get fc = 20 Hz @ 264 Vac means
having fc ≅ 4 Hz @ 88 Vac, resulting in a sluggish control dynamics. Additionally, the slow
control loop causes large transient current flow during rapid line or load changes that are
limited by the dynamics of the multiplier output. This limit is considered when selecting the
sense resistor to let the full load power pass under minimum line voltage conditions, with
some margin. But a fixed current limit allows excessive power input at high line, whereas a
fixed power limit requires the current limit to vary inversely with the line voltage.
Voltage Feedforward can compensate for the gain variation with the line voltage and allow
overcoming all of the above-mentioned issues. It consists of deriving a voltage proportional
to the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2 corrector)
and providing the resulting signal to the multiplier that generates the current reference for
the inner current control loop (see Figure 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com