Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3008T/2K Datasheet(HTML) 3 Page - Texas Instruments

  PCM3008T/2K Datasheet HTML 1Page - Texas Instruments PCM3008T/2K Datasheet HTML 2Page - Texas Instruments PCM3008T/2K Datasheet HTML 3Page - Texas Instruments PCM3008T/2K Datasheet HTML 4Page - Texas Instruments PCM3008T/2K Datasheet HTML 5Page - Texas Instruments PCM3008T/2K Datasheet HTML 6Page - Texas Instruments PCM3008T/2K Datasheet HTML 7Page - Texas Instruments PCM3008T/2K Datasheet HTML 8Page - Texas Instruments PCM3008T/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
3
www.ti.com
_
+
_
+
Delta
Sigma
Modulator
+
–
30 k
Ω
2
1
VINR
VCOM
+
0.47
µF
+
1
µF
Reference
Figure 1. Analog Front-End (right-channel)
Terminal Assignments
TERMINAL
NAME
NO.
I/O
DESCRIPTION
VCOM
1
–
ADC/DAC common decouple (see Note 1)
VINR
2
I
ADC analog input, R-channel.
VINL
3
I
ADC analog input, L-channel.
GND
4
–
Ground.
VCC
5
–
Power supply.
DEM0
6
I
De-emphasis control 0 (see Note 2)
DEM1
7
I
De-emphasis control 1 (see Note 2)
DOUT
8
O
Data output
DIN
9
I
Data input (see Note 2)
LRCK
10
I
Sampling clock input (see Note 2)
SYSCK
11
I
System clock input (see Note 2)
BCK
12
I
Bit clock input (see Note 2)
PDAD
13
I
ADC power down, active low (see Note 2)
PDDA
14
I
DAC power down, active low (see Note 2)
VOUTL
15
O
DAC analog output, L-channel.
VOUTR
16
O
DAC analog output, R-channel.
NOTES:
1. Connect decouple capacitor to GND.
2. Schmitt trigger input, open state can not be allowed because of no internal pullup or pulldown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com