Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3008T/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM3008T/2K Datasheet HTML 1Page - Texas Instruments PCM3008T/2K Datasheet HTML 2Page - Texas Instruments PCM3008T/2K Datasheet HTML 3Page - Texas Instruments PCM3008T/2K Datasheet HTML 4Page - Texas Instruments PCM3008T/2K Datasheet HTML 5Page - Texas Instruments PCM3008T/2K Datasheet HTML 6Page - Texas Instruments PCM3008T/2K Datasheet HTML 7Page - Texas Instruments PCM3008T/2K Datasheet HTML 8Page - Texas Instruments PCM3008T/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
5
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 2.4 V, fs = 44.1 kHz,
system clock = 384fs, fIN = 1 kHz, 16-bit data, (unless otherwise noted)
PCM3008T
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
VIH(3)
0.7 VCC
3.6
VIL(3)
Input logic level
0.3VCC
VDC
IIN(3)
Input logic current
±10
µA
VOH(4)
IO = –400 µA
VCC–0.2
VOL(4)
Output logic level
IO = 400 µA
0.2
VDC
CLOCK FREQUENCY
Sampling frequency
8
44.1
48
kHz
256 fs
2.0480
11.2896
12.2880
fs
System clock frequency
384 fs
3.0720
16.9344
18.4320
MHz
System clock frequency
512 fs
4.0960
22.5792
24.5760
MHz
ADC CHARACTERISTICS
Resolution
16
Bits
DC ACCURACY
Gain mismatch channel to channel
±1
±5
Gain error
±2
±10
% of
Bipolar zero error
±0
FSR
DYNAMIC PERFORMANCE(5)
VIN = –0.5 dB
–84
–74
THD+N
VIN = –60 dB
–26
Dynamic range
A-weighted
82
88
dB
S/N ratio
A-weighted
82
88
dB
Channel separation
80
86
ANALOG INPUT
Input voltage
0.6 VCC
Vp–p
Center voltage
0.5 VCC
V
Input impedance
30
k
Ω
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454 fs
Stopband
0.583 fs
Hz
Passband ripple
±0.05
Stopband attenuation
–65
dB
Delay time
17.4 fs
s
HPF frequency response
–3 dB
0.078 fs
mHz
DAC CHARACTERISTICS
Resolution
16
Bits
NOTES:
3. Pins 6, 7, 9, 10–14: DEM0, DEMI, DIN, LRCK, SYSCK, BCK, PDAD, PDDA, (Schmitt trigger input, 3.3 V tolerant.
4. Pin 8: DOUT
5. fIN = 1 kHz, using audio precision system II, RMS mode with 20 kHz LPF, 400 Hz HPF in calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com