Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3008T/2K Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 4Page - Texas Instruments PCM3008T/2K Datasheet HTML 5Page - Texas Instruments PCM3008T/2K Datasheet HTML 6Page - Texas Instruments PCM3008T/2K Datasheet HTML 7Page - Texas Instruments PCM3008T/2K Datasheet HTML 8Page - Texas Instruments PCM3008T/2K Datasheet HTML 9Page - Texas Instruments PCM3008T/2K Datasheet HTML 10Page - Texas Instruments PCM3008T/2K Datasheet HTML 11Page - Texas Instruments PCM3008T/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
8
www.ti.com
system clock (continued)
Table 1. System Clock Frequencies
SAMPLING RATE FREQUENCY
SYSTEM CLOCK FREQUENCY
(MHz)
(kHz)
256fs
384fs
512fs
32.0
8.1920
12.2880
16.3840
44.1
11.2896
16.9340
22.5792
48.0
12.2880
18.4320
24.5760
reset
The ADC and DAC portions of the PCM3008 can be reset simultaneously by the power down control pins, PDAD
and PDDA. This external reset using PDAD and PDDA must be always done at least once after the power is
applied. Internal state is kept in reset during PDAD = low and PDDA = low and for 1024 system clock counts
after PDAD = high or PDDA = high, and then the initialization sequence for ADC and DAC is started. For the
ADC, DOUT is kept in ZERO during the initialization sequence and DOUT outputs normal data corresponding
to the input analog signal after tADCDLY1. In the case of the DAC, the fade-in function is started, the signal level
on VOUT increases gradually and reaches to full level corresponding to the input digital signal after tDACDLY1.
The following figure illustrates the reset timing for power-on and the ADC/DAC output response for the power-on
and reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com