Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 3Page - STMicroelectronics L6206_V01 Datasheet HTML 4Page - STMicroelectronics L6206_V01 Datasheet HTML 5Page - STMicroelectronics L6206_V01 Datasheet HTML 6Page - STMicroelectronics L6206_V01 Datasheet HTML 7Page - STMicroelectronics L6206_V01 Datasheet HTML 8Page - STMicroelectronics L6206_V01 Datasheet HTML 9Page - STMicroelectronics L6206_V01 Datasheet HTML 10Page - STMicroelectronics L6206_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID07617 Rev 4
7/29
L6206
Pin connections
29
Package
Name
Type
Function
SO24
PowerSO36
Pin no.
Pin no.
924
OCDB
Open drain
output
Bridge B overcurrent detection and thermal
protection pin. An internal open drain transistor
pulls to GND when overcurrent on bridge B is
detected or in case of thermal protection.
10
25
SENSEB
Power supply
Bridge B source pin. This pin must be connected
to power ground directly or through a sensing
power resistor.
11
26
IN1B
Logic input
Bridge B input 1
12
27
IN2B
Logic input
Bridge B input 2
13
28
PROGCLB
R pin
Bridge B overcurrent level programming. A
resistor connected between this pin and ground
sets the programmable current limiting value for
the bridge B. By connecting this pin to ground
the maximum current is set. This pin cannot be
left non-connected.
14
29
ENB
Logic input
Bridge B Enable. LOW logic level switches OFF
all power MOSFETs of Bridge B.
If not used, it has to be connected to +5 V.
15
30
VBOOT
Supply
voltage
Bootstrap voltage needed for driving the upper
power MOSFETs of both bridge A and bridge B.
16
32
OUT2B
Power output
Bridge B output 2.
17
33
VSB
Power supply
Bridge B power supply voltage. It must be
connected to the supply voltage together with pin
VSA.
20
4
VSA
Power supply
Bridge A power supply voltage. It must be
connected to the supply voltage together with pin
VSB.
21
5
OUT2A
Power output
Bridge A output 2.
22
7
VCP
Output
Charge pump oscillator output.
23
8
ENA
Logic input
Bridge A enable. LOW logic level switches OFF
all power MOSFETs of bridge A.
If not used, it has to be connected to +5 V.
24
9
PROGCLA
R pin
Bridge A overcurrent level programming. A
resistor connected between this pin and ground
sets the programmable current limiting value for
the bridge A. By connecting this pin to ground
the maximum current is set. This pin cannot be
left non-connected.
Table 4. Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com