Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 17Page - STMicroelectronics L6206_V01 Datasheet HTML 18Page - STMicroelectronics L6206_V01 Datasheet HTML 19Page - STMicroelectronics L6206_V01 Datasheet HTML 20Page - STMicroelectronics L6206_V01 Datasheet HTML 21Page - STMicroelectronics L6206_V01 Datasheet HTML 22Page - STMicroelectronics L6206_V01 Datasheet HTML 23Page - STMicroelectronics L6206_V01 Datasheet HTML 24Page - STMicroelectronics L6206_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID07617 Rev 4
21/29
L6206
Application information
29
6.2
Output current capability and IC power dissipation
In Figure 18 and Figure 19 are shown the approximate relation between the output current
and the IC power dissipation using PWM current control driving two loads, for two different
driving types:
One full bridge ON at a time (Figure 18) in which only one load at a time is energized.
Two full bridges ON at the same time (Figure 19) in which two loads at the same time
are energized.
For a given output current and driving type the power dissipated by the IC can be easily
evaluated, in order to establish which package should be used and how large must be the
on-board copper dissipating area to guarantee a safe operating junction temperature
(125 °C maximum).
Figure 18. IC power dissipation versus output current with one full bridge ON
at a time
Figure 19. IC power dissipation versus output current with two full bridges ON
at the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com