Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 1 Page - STMicroelectronics

  L6206_V01 Datasheet HTML 1Page - STMicroelectronics L6206_V01 Datasheet HTML 2Page - STMicroelectronics L6206_V01 Datasheet HTML 3Page - STMicroelectronics L6206_V01 Datasheet HTML 4Page - STMicroelectronics L6206_V01 Datasheet HTML 5Page - STMicroelectronics L6206_V01 Datasheet HTML 6Page - STMicroelectronics L6206_V01 Datasheet HTML 7Page - STMicroelectronics L6206_V01 Datasheet HTML 8Page - STMicroelectronics L6206_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
October 2018
DocID07617 Rev 4
1/29
L6206
DMOS dual full bridge driver
Datasheet
- production data
Features
 Operating supply voltage from 8 to 52 V
 5.6 A output peak current (2.8 A DC)
 RDS(ON) 0.3  typ. value at Tj = 25 °C
 Operating frequency up to 100 KHz
 Programmable high-side overcurrent detection
and protection
 Diagnostic output
 Paralleled operation
 Cross conduction protection
 Thermal shutdown
 Undervoltage lockout
 Integrated fast freewheeling diodes
Applications
 Bipolar stepper motor
 Dual or quad DC motor
Description
The L6206 device is a DMOS dual full bridge
designed for motor control applications, realized
in BCD technology, which combines isolated
DMOS power transistors with CMOS and bipolar
circuits on the same chip. Available in the
PowerSO36 and SO24 (20 + 2 + 2) packages, the
L6206 device features thermal shutdown and a
non-dissipative overcurrent detection on the high-
side power MOSFETs plus a diagnostic output
that can be easily used to implement the
overcurrent protection.
www.st.com


Similar Part No. - L6206_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206D STMICROELECTRONICS-L6206D Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206N STMICROELECTRONICS-L6206N Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD STMICROELECTRONICS-L6206PD Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206Q STMICROELECTRONICS-L6206Q Datasheet
655Kb / 27P
DMOS dual full bridge driver
01-Aug-2013
More results

Similar Description - L6206_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
DMOS dual full bridge driver
10-Jun-2008
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com