Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6206PD
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6206PD Datasheet HTML 7Page - STMicroelectronics L6206PD Datasheet HTML 8Page - STMicroelectronics L6206PD Datasheet HTML 9Page - STMicroelectronics L6206PD Datasheet HTML 10Page - STMicroelectronics L6206PD Datasheet HTML 11Page - STMicroelectronics L6206PD Datasheet HTML 12Page - STMicroelectronics L6206PD Datasheet HTML 13Page - STMicroelectronics L6206PD Datasheet HTML 14Page - STMicroelectronics L6206PD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID07617 Rev 4
11/29
L6206
Circuit description
29
5
Circuit description
5.1
Power stages and charge pump
The L6206 device integrates two independent power MOS full bridges. Each power MOS
has an Rds(ON) = 0.3  (typical value at 25 °C), with intrinsic fast freewheeling diode. Cross
conduction protection is achieved using a deadtime (td = 1s typical) between the switch off
and switch on of two power MOS in one leg of a bridge.
Using N-channel power MOS for the upper transistors in the bridge requires a gate drive
voltage above the power supply voltage. The bootstrapped (VBOOT) supply is obtained
through an internal oscillator and few external components to realize a charge pump circuit
as shown in Figure 5. The oscillator output (VCP) is a square wave at 600 kHz (typical) with
10 V amplitude. Recommended values/part numbers for the charge pump circuit are shown
in Table 6.
Figure 5. Charge pump circuit
Table 6. Charge pump external components values
Component
Value
CBOOT
220 nF
CP
10 nF
RP
100
D1
1N4148
D2
1N4148
D2
CBOOT
D1
RP
CP
VS
VSA
VCP
VBOOT
VSB
D01IN1328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com