Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206PD Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6206PD
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206PD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6206PD Datasheet HTML 15Page - STMicroelectronics L6206PD Datasheet HTML 16Page - STMicroelectronics L6206PD Datasheet HTML 17Page - STMicroelectronics L6206PD Datasheet HTML 18Page - STMicroelectronics L6206PD Datasheet HTML 19Page - STMicroelectronics L6206PD Datasheet HTML 20Page - STMicroelectronics L6206PD Datasheet HTML 21Page - STMicroelectronics L6206PD Datasheet HTML 22Page - STMicroelectronics L6206PD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID07617 Rev 4
19/29
L6206
Application information
29
To operate the device in parallel and maintain a lower overcurrent threshold, half-bridge 1
and the half-bridge 2 of the bridge A can be connected in parallel and the same done for the
bridge B as shown in Figure 16. In this configuration, the peak current for each half-bridge is
still limited by the bond wires for the supply and sense pins so the dissipation in the device
will be reduced, but the peak current rating is not increased.
When connected in this configuration the overcurrent detection circuit, senses the sum of
the current in upper devices connected in parallel. With the enables connected in parallel,
an overcurrent will turn of both bridges. Since the circuit senses the total current in the upper
devices, the overcurrent threshold is equal to the threshold set the resistor RCLA or RCLB in
Figure 16. RCLA sets the threshold when outputs OUT1A and OUT2A are high and resistor
RCLB sets the threshold when outputs OUT1B and OUT2B are high.
It is recommended to use RCLA = RCLB.
In this configuration, the resulting bridge has the following characteristics:
Equivalent device: full bridge
RDS(ON) 0.15  typ. value at TJ = 25 °C
2.8 A max. RMS load current
5.6 A max. OCD threshold
Figure 16. Parallel connection with lower overcurrent threshold
(with reference to 24-pin packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com