Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206PD Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6206PD
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206PD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6206PD Datasheet HTML 13Page - STMicroelectronics L6206PD Datasheet HTML 14Page - STMicroelectronics L6206PD Datasheet HTML 15Page - STMicroelectronics L6206PD Datasheet HTML 16Page - STMicroelectronics L6206PD Datasheet HTML 17Page - STMicroelectronics L6206PD Datasheet HTML 18Page - STMicroelectronics L6206PD Datasheet HTML 19Page - STMicroelectronics L6206PD Datasheet HTML 20Page - STMicroelectronics L6206PD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DocID07617 Rev 4
17/29
L6206
Application information
29
6
Application information
A typical application using the L6206 device is shown in Figure 14. Typical component
values for the application are shown in Table 8. A high quality ceramic capacitor in the range
of 100 to 200 nF should be placed between the power pins (VSA and VSB) and ground near
the L6206 device to improve the high frequency filtering on the power supply and reduce
high frequency transients generated by the switching. The capacitors connected from the
ENA/OCDA and ENB/OCDB nodes to ground set the shutdown time for the bridge A and
bridge B respectively when an overcurrent is detected (see Section 5.3: Non-dissipative
overcurrent detection and protection on page 13). The two current sources (SENSEA and
SENSEB) should be connected to power ground with a trace length as short as possible in
the layout. To increase noise immunity, unused logic pins are best connected to 5 V (high
logic level) or GND (low logic level) (see Table 4: Pin description on page 6). It is
recommended to keep power ground and signal ground separated on the PCB.
Figure 14. Typical application (with reference to 24-pin packages)
Table 8. Component values for typical application
Component
Value
Component
Value
C1
100
FD1
1N4148
C2
100 nF
D2
1N4148
CBOOT
220 nF
RCLA
5 K
CP
10 nF
RCLB
5 K
CENA
5.6 nF
RENA
100 k
CENB
5.6 nF
RENB
100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com