Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AIY3 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L4S5AIY3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AIY3 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L4S5AIY3 Datasheet HTML 127Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 128Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 129Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 130Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 131Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 132Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 133Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 134Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 275 page
background image
Table 29. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART disable
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
4.10
4.50
5.60
7.20
10.00
4.7
5.6
7.6
11.0
17.0
mA
16 MHz
2.75
3.10
4.25
5.85
8.70
3.2
4.1
6.1
9.4
16.0
8 MHz
1.25
1.90
2.95
4.55
7.35
1.7
2.7
4.7
8.0
14.0
4 MHz
0.91
1.25
2.35
3.90
6.75
1.2
2.0
4.0
7.3
14.0
2 MHz
0.59
0.94
2.00
3.60
6.40
0.8
1.6
3.6
6.9
13.0
1 MHz
0.42
0.77
1.85
3.40
6.25
0.6
1.4
3.4
6.7
13.0
100 KHz
0.27
0.63
1.70
3.25
6.10
0.4
1.2
3.2
6.5
13.0
Range 1
Boost
Mode
120 MHz
17.00 18.00 19.50
21.50
25.50
19.0
21.0
24.0
28.0
36.0
Range 1
Normal
Mode
80 MHz
13.00 13.50 15.00
17.00
20.50
15.0
16.0
19.0
23.0
30.0
72 MHz
11.50
12.00 14.00
16.00
19.50
13.0
15.0
18.0
22.0
29.0
64 MHz
10.50
11.00
12.50
14.50
18.00
12.0
13.0
16.0
20.0
27.0
48 MHz
9.00
9.50
11.00
13.00
16.50
11.0
12.0
15.0
19.0
26.0
32 MHz
6.45
6.95
8.40
10.50
14.00
7.3
8.5
12.0
16.0
23.0
24 MHz
4.90
5.40
6.85
8.80
12.50
5.6
6.7
9.3
14.0
21.0
16 MHz
3.55
4.00
5.40
7.40
11.00
4.1
5.2
7.7
12.0
19.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com