Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AIY3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32L4S5AIY3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AIY3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32L4S5AIY3 Datasheet HTML 130Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 131Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 132Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 133Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 134Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 135Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 136Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 137Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 275 page
background image
Table 31. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage
scaling
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up
to 48 MHZ
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range2
fHCLK=26MHz
Reduced
code(1)
3.40
3.60
mA
131
138
µA/MHz
Coremark
3.90
3.95
150
152
Dhrystone2.1
4.25
4.30
163
165
Fibonacci
3.65
3.90
140
150
While(1)
3.15
3.15
121
121
Range 1
Normal Mode
fHCLK= 80
MHz
Reduced
code(1)
11.5
12.5
mA
144
156
µA/MHz
Coremark
13.5
13.5
169
169
Dhrystone2.1
14.5
14.5
181
181
Fibonacci
12.5
14.0
156
175
While(1)
10.5
10.5
131
131
Range 1
Boost Mode
fHCLK= 120
MHz
Reduced
code(1)
18.5
17.0
mA
154
142
µA/MHz
Coremark
21.5
21.5
179
179
Dhrystone2.1
22.5
22.5
188
188
Fibonacci
20.0
21.0
167
175
While(1)
16.5
16.5
138
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com