Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6002 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS6002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments THS6002 Datasheet HTML 10Page - Texas Instruments THS6002 Datasheet HTML 11Page - Texas Instruments THS6002 Datasheet HTML 12Page - Texas Instruments THS6002 Datasheet HTML 13Page - Texas Instruments THS6002 Datasheet HTML 14Page - Texas Instruments THS6002 Datasheet HTML 15Page - Texas Instruments THS6002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
_
+
6.8 mF
0.1 mF
6.8 mF
0.1 mF
VCC(H)15V
200 Ω
+
+
VI+
_
+
6.8 mF
0.1 mF
6.8 mF
0.1 mF
−VCC(H) −15 V
680 Ω
+
+
VI−
+
−
0.1 mF
2kΩ
12.5 Ω
+
−
2kΩ
1:2
TelephoneLine
12.5 Ω
15V
−15V
0.1 mF
THS6072
THS6072
VO+
VO−
THS6032
Driver1
THS6032
Driver2
100 Ω
VCC(L) 6 V
−VCC(L) −6 V
Driver
1kΩ
1kΩ
1kΩ
Receiver
0.1
m
F
0.1
m
F
680 Ω
1kΩ
THS6032
SLOS233F – APRIL 1999 – REVISED AUGUST 2009....................................................................................................................................................... www.ti.com
APPLICATION INFORMATION
ADSL
The THS6032 was primarily designed as a low-power line driver for ADSL (asymmetrical digital subscriber line).
The driver output stage has been sized to provide full ADSL power levels of 20 dBm onto the telephone lines.
Although actual driver output peak voltages and currents vary with each particular ADSL application, the
THS6032 is specified for a minimum full output current of 400 mA at its full output voltage of approximately 11 V.
This performance meets the demanding needs of ADSL at the central office end of the telephone line. A typical
ADSL schematic is shown in Figure 36.
Figure 36. THS6032 ADSL Application
The ADSL transmit band consists of 255 separate carrier frequencies, each with its own modulation and
amplitude level. With such an implementation, it is imperative that signals put onto the telephone line have as low
a distortion as possible. This is because any distortion either interferes directly with other ADSL carrier
frequencies or it creates intermodulation products that interfere with ADSL carrier frequencies.
12
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com