Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC1021 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
7.5 Electrical Characteristics (continued)
VSUP = 7 V to 27 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
INH PIN
Vo
DC output voltage
Transient voltage
-0.3
VSUP+0.3
V
IO
Output current
-50
2
mA
Ron
On state resistance
Between VSUP and INH, INH = 2 mA
drive, Normal or Standby Mode
25
40
100
Ω
IIKG
Leakage current
Low Power mode, 0 < INH < VSUP
-5
0
5
µA
NWake PIN
VIL
Low-level input voltage(2)
-0.3
VSUP-3.3
V
VIH
High-level input voltage(2)
VSUP-1
VSUP+0.3
V
Pull-up current
NWake = 0 V
-40
-10
-4
µA
IIKG
Leakage current
VSUP = NWake
-5
0
5
µA
THERMAL SHUTDOWN
Shutdown junction thermal
temperature
185
°C
(1)
Typical values are given for VSUP = 14 V at 25°C.
(2)
All voltages are defined with respect to ground; positive currents flow into the TPIC1021 device.
(3)
In the dominant state the supply current increases as the supply voltage increases due to the integrated LIN responder termination
resistance. At higher voltages the majority of supply current is through the termination resistance. The minimum resistance of the
LIN responder termination is 20 kΩ so the maximum supply current attributed to the termination is: ISUP (dom) max termination ≈ (VSUP –
(VLIN_Dominant+0.7 V) / 20 kΩ.
7.6 Timing Requirements
MIN
NOM
MAX UNIT
D1
Duty cycle 1(1) (2)
THREC(max) = 0.744×VSUP, THDOM(max) = 0.581×VSUP, VSUP
= 7.0 V to 18 V, tBIT = 50 µs (20 kbps), See Figure 7-1
0.396
D2
Duty cycle 2(1) (2)
THREC(max) = 0.284×VSUP, THDOM(max) = 0.422×VSUP, VSUP
= 7.6 V to 18 V, tBIT = 50 µs (20 kbps), See Figure 7-1
0.581
D3
Duty cycle 3(1) (2)
THREC(max) = 0.778×VSUP, THDOM(max) = 0.616×VSUP, VSUP
= 7.0 V to 18 V, tBIT = 96 µs (10.4 kbps), See Figure 7-1
0.417
D4
Duty cycle 4(1) (2)
THREC(max) = 0.251×VSUP, THDOM(max) = 0.389×VSUP, VSUP
= 7.6 V to 18 V, tBIT = 96 µs (10.4 kbps), See Figure 7-1
0.590
trx_pdr
Receiver rising propagation delay
time
RL = 2.4 kΩ, CL = 20 pF, See Figure 7-1
6
µs
trx_pdf
Receiver rising propagation delay
time
RL = 2.4 kΩ, CL = 20 pF, See Figure 7-1
6
µs
trx_sym
Symmetry of receiver propagation
delay time (rising edge)
with respect to falling edge, See Figure 7-1
–2
2
µs
tNWake
NWake filter time for local wake-up See Figure 7-1
25
50
100
µs
tLINBUS
LIN wake-up filter time (dominant
time for wake-up via LIN bus)
See Figure 7-1
25
50
100
µs
tDST
Dominant state timeout(3)
See Figure 7-1
6
9
14
ms
(1)
Duty cycle = tBUS_rec(min)/ (2×tBIT)
(2)
Duty Cycles: LIN Driver bus load conditions (CLINBUS, RLINBUS): Load1 = 1 nF, 1 kΩ; Load2 = 6.8 nF, 660 Ω; Load3 = 10 nF, 500
Ω. Duty Cycles 3 and 4 are defined for 10.4 kbps operation. The TPIC1021 also meets these lower speed requirements, while it is
capable of the higher speed 20.0 kbps operation as specified by Duty Cycles 1 and 2. SAEJ2602 derives propagation delay equations
from the LIN 2.0 duty cycle definitions (LIN 2.1 compatible), for details please refer to the SAEJ2602 specification.
(3)
Dominant state timeout will limit the minimum data rate to 2.4 kbps.
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com