Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC1021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPIC1021 LIN Physical Interface
1 Features
• LIN physical layer specification revision 2.1
compliant conforms to SAEJ2602 recommended
practice for LIN
• LIN bus speed up to 20 kbps
• ESD protection to 12 kV (human body model) on
LIN pin
• LIN pin handles voltage from –40 V to 40 V
• Survives transient damage in automotive
environment (ISO 7637)
• Operation with supply from 7-V to 27-V DC
• Two operation modes: normal and low-power
(sleep) mode
• Low current consumption in low power mode
• Wake-up available from LIN bus, wake-up input
(external switch) or host MCU
• Interfaces to MCU with 5-V or 3.3-V I/O pins
• Dominant state timeout protection on TXD pin
• Wake-up request on RXD pin
• Control of external voltage regulator (INH Pin)
• Integrated pull-up resistor and series diode for LIN
responder applications
• Low EME (electromagnetic emissions), high EMI
(electromagnetic immunity)
• Bus terminal short-circuit protected for short to
battery or short to ground
• Thermally protected
• Ground disconnection fail-safe at system level
• Ground shift operation at system level
• Unpowered node does not disturb the network
2 Applications
• Industrial sensing
• White goods distributed control
3 Description
The TPIC1021 is the LIN (Local Interconnect
Network) physical interface, which integrates the
serial transceiver with wake up and protection
features. The LIN bus is a single wire, bi-directional
bus typically used for low-speed in-vehicle networks
using baud rates between 2.4 kbps and 20 kbps.
The LIN bus has two logical values: the dominant
state (voltage near ground) represents a logic 0
and the recessive state (voltage near battery) and
represents logic 1.
In the recessive state, the LIN bus is pulled high
by the TPIC1021 internal pull-up resistor (30 kΩ)
and series diode, so no external pullup components
are required for responder applications. Commander
applications require an external pullup resistor (1 kΩ)
plus a series diode.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPIC1021
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
RXD
TXD
NWake
INH
EN
LIN
GND
Driver
with Slope
Receiver
Filter
Filter
2
1
8
3
4
7
6
5
VSUP
VSUP/2
Wake−Up
and
Vreg Control
Dominant
State
Timeout
Fault
Detection and
Protection
Control
Functional Block Diagram
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021AQDRQ1 TI1-TPIC1021AQDRQ1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
TPIC1021DG4 TI1-TPIC1021DG4 Datasheet
738Kb / 18P
LIN Physical Interface
More results

Similar Description - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
LIN AND MOST ECL PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
LIN 2.1 / SAEJ2602-2, LIN Physical Layer
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com