Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70524BLF Datasheet(PDF) 6 Page - Amphenol Communications Solutions

Part # 70524BLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70524BLF Datasheet(HTML) 6 Page - Amphenol Communications Solutions

Back Button 70524BLF Datasheet HTML 2Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 3Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 4Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 5Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 6Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 7Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 8Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 9Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 10Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
5• STRAIGHT EXIT PLASTIC HOOD WITH LONG JACK SCREW
TECHNICAL INFORMATION
• Material: UL 94 V-0 plastic
• Operating Temperature Range: -55°C to +110°C
• Cable Entry: Top
• Jack Screws: UNC 4-40 (Standard) M2.5 or M3 on request
• Cable O.D: 9-37-way: Up to 11.7mm
• Colour: Black
FEATURES
• Available in sizes 9-15-25-37
• Suitable for any common Sub-D connector
• Strain relief inserts ensure a secure termination
• Re-openable
Size
Dim A
Dim B
Dim C
9-way
31.2
39.9
15.0
15-way
39.5
41.5
15.0
25-way
53.4
48.6
15.0
37-way
69.7
53.6
15.0
ORDERING INFORMATION
Description
Size
Part Numbers
PLASTIC HOOD 09
9-way
8655APET1A11KLF
PLASTIC HOOD 15
15-way
8655APAT1A11KLF
PLASTIC HOOD 25
25-way
8655APBT1A11KLF
PLASTIC HOOD 37
37-way
8655APCT1A11KLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com