Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70524BLF Datasheet(PDF) 14 Page - Amphenol Communications Solutions

Part # 70524BLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70524BLF Datasheet(HTML) 14 Page - Amphenol Communications Solutions

Back Button 70524BLF Datasheet HTML 10Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 11Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 12Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 13Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 14Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 15Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 16Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 17Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 18Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
Size
Dim A
Dim B
Dim C
9-way
32.2
42.0
14.5
15-way
40.8
42.3
14.9
25-way
54.0
42.3
14.9
37-way
70.5
48.0
15.1
Description
Size
Part Numbers
METAL HOOD 09
9-way
8655DMES2B13KLF
METAL HOOD 15
15-way
8655DMAS2B13KLF
METAL HOOD 25
25-way
8655DMBS2B13KLF
METAL HOOD 37
37-way
8655DMCS2B13KLF
16• RIGHT ANGLE EXIT FULL METAL HOOD
TECHNICAL INFORMATION
• Material: Zinc, Nickel Plated
• Operating Temperature Range: -40°C to +120°C
• Cable Entry: 90° Side Entry
• Jackscrews: UNC 4-40, M3 on request
• Cable O.D: Up to 11.7mm
• Type of grommets: 2 piece Plastic Ferrule Kit
FEATURES
• Available in sizes 9-15-25-37-way
• Suitable for any common Sub-D connector
• Re-Openable
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com