Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70524BLF Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 70524BLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70524BLF Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  70524BLF Datasheet HTML 1Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 2Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 3Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 4Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 5Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 6Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 7Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 8Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
WIDE RANGE OF ACCESSORIES
FOR SECURE CONNECTION
Amphenol’s D-Subminiature (D-Sub) connectors are part
of industry standard and are one of the most popular
Input/Output interconnects, addressing a wide variety
of applications including telecommunications, industrial
and medical.
TARGET MARKETS
FEATURES
BENEFITS
§
Hoods available in plastic, metalized and metallic form
with locking screws
§
Supports cable connection and prevents risks of pulling up
and accidental mismating
§
Hoods available in 9 to 50 positions
§
Suitable for different connector pin configurations
including high density series
§
Metal hoods available in straight and angled terminations
§
Suitable for EMI/RFI shielding
§
Hoods available with cable clamps and jackscrews
§
Assures secure connection with required strain relief
§
Hoods available in different orientations and locking
options
§
Supports various customization need
§
Range includes different locking devices like screw locks
and lever locks
§
Ensures secure and reliable connection
§
Screws available in both UNC 4-40 and M3 thread options
§
Ensures connector intermateability
§
Metal and plastic dust caps
§
Safeguards connector from dust and dirt when kept in
unmated condition
§ Prevents accidental mismating
§ Hoods available in 9 to 50 positions for different
connector pin configurations
§ Metal hoods available in straight and angled terminations
for EMI/RFI shielding
§ Dust caps available in metal and plastic versions
§ Locking screws comes with UNC 4-40 and M3 thread
options
D-Subminiature (D-Sub) Accessories


Similar Part No. - 70524BLF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70524 MOLEX5-70524 Datasheet
260Kb / 3P
8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 24 Circuits
70524 MOLEX11-70524 Datasheet
40Kb / 2P
8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 24 Circuits
70524-50 MOLEX5-70524-50 Datasheet
260Kb / 3P
8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 24 Circuits
70524-50 MOLEX11-70524-50 Datasheet
40Kb / 2P
8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
70524-C MOLEX5-70524-C Datasheet
300Kb / 4P
8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 24 Circuits
More results

Similar Description - 70524BLF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDB-CTF HIROSE-HDB-CTF Datasheet
329Kb / 6P
CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES)
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
logo
CONEC Elektronische Bau...
160X10259X CONEC-160X10259X Datasheet
76Kb / 1P
D-SUB Hardware accessories
logo
ITT Industries
020420-0015 ITT-020420-0015 Datasheet
2Mb / 28P
d subminiature accessories
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
FCI connector
863001060TLF FCI-CONNECTOR-863001060TLF Datasheet
95Kb / 2P
FEMALE SCREW LOCK D SUB ACCESSORIES
logo
ITT Industries
52652 ITT-52652 Datasheet
42Kb / 1P
D Subminiature Accessories
D20419-121 ITT-D20419-121 Datasheet
2Mb / 28P
D Subminiature Accessories
logo
TE Connectivity Ltd
1-1773876-6 TEC-1-1773876-6 Datasheet
1Mb / 10P
RAIL D-SUB BACKSHELLS FOR D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com