Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
Crimson® software is a Windows® based program that allows configuration
of the PAX® meter from a PC. Crimson offers standard drop-down menu
commands, that make it easy to program the controller. The unit’s program can
then be saved in a PC file for future use.
Using This manUal
This manual contains installation and programming instructions for the PAX
and all applicable option cards. To make installing the option card easier, it is
recommended to use the Installation Guide provided with the card.
Only the portions of this manual that apply to the application need to be read.
Minimally, we recommend that General Specifications, Reviewing the Front
Buttons and Display, and Crimson® Programming Software portions of this
manual be read in their entirety.
We recommend that unit programming be performed using Crimson
programming software. When using Crimson, the programming portion of this
manual serves as an overview of the programming options that are available
through Crimson. The programming section of the manual will serve to provide
expanded explanations of some of the PAX programming features found in
Crimson. For users who do not intend to use Crimson to program their unit, this
manual includes information to provide for a user to program one, or all, of the
programming parameters using the unit’s keypad.
To find information regarding a specific topic or mnemonic, it is recommended
that the manual be viewed on a computer and the “find” function be used. The
alternate method of finding information is to identify the programming
parameter involved and review the information contained in the section of the
manual that pertains to that parameter.
CrimsOn PrOgramming sOfTware
PrOgramming Using CrimsOn:
Download or check for updates to Crimson at http://www.redlion.net/crimson2.
- Install Crimson. Follow the installation instructions provided by the source
from which Crimson is being downloaded or installed.
- Install an appropriate communication option card (PAXUSB00, PAXCDC1x,
or PAXCDC2x) in the PAX and make necessary wiring connections from
communication card to the PC. Note that only one PAX unit can be
programmed at a time.
- Apply appropriate power to the PAX.
- Start Crimson.
- Select “Link” tab, then select “Options…” to configure/verify
Communications Port. Configure PAXDP serial settings for: Modbus RTU,
38400, No Parity, and address 247.
- Select “File” tab, then click on “New”. Select “PAX Panel Meters” under the
Product Family selection and then select the PAX model and version
according to the PAX unit to be programmed. Click “OK”.
- A programming selection screen will appear. Double click on an applicable
programming selection and make program specific parameter selections.
When completed, click “Close” and continue selecting applicable
programming selections and making appropriate parameter selections.
Continue until all necessary programming parameters have been configured.
Hovering the cursor over a parameter selection will often provide a
description of the parameter. For additional information regarding a parameter
selection, see the PAX user manual.
- When all programming configuration selections have been completed, save
the configuration file.
- Download the configuration file to the PAX by clicking the “Link” tab and
then selecting “Update”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com