Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 14 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 14 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 10Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 11Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 12Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 13Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 14Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 18Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
14
RESET MINIMUM


When activated (momentary action),  flashes and the Minimum reading
is set to the present assigned value. The Minimum function then continues from
that value. This selection functions independent of the selected display.






RESET MAXIMUM AND MINIMUM
When activated (momentary action),  flashes and the Maximum and
Minimum readings are set to the present assigned values. The Maximum and
Minimum function then continues from that value. This selection functions
independent of the selected display.
Note: Following display functions are only available on User Input.


ADVANCE DISPLAY
When activated (momentary action), the display advances to the next display
that is not locked out from the Display Mode.


SELECT DISPLAY A
When activated (momentary action), the display advances to Display A,
if enabled.


SELECT DISPLAY B
When activated (momentary action), the display advances to Display B,
if enabled.


SELECT DISPLAY C
When activated (momentary action), the display advances to Display C,
if enabled.


SELECT DISPLAY _
When activated (momentary action), the display advances to the Display _
(no annunciator), if enabled.




CHANGE DISPLAY INTENSITY LEVEL
When activated (momentary action), the display intensity changes to the next
intensity level (of 4). The four levels correspond to Display Intensity Level
() settings of 0, 3, 8, and 15.
SETPOINT SELECTIONS

- Select main or alternate setpoints

- Reset Setpoint 1 (Alarm 1)

- Reset Setpoint 2 (Alarm 2)

- Reset Setpoint 3 (Alarm 3)

- Reset Setpoint 4 (Alarm 4)

- Reset Setpoint 3 & 4 (Alarm 3 & 4)

- Reset Setpoint 2, 3 & 4 (Alarm 2, 3 & 4)

- Reset Setpoint All (Alarm All)
The following selections are functional only with the Setpoint option card
installed. Refer to Module 6 - Setpoint (Alarm) Parameters for an explanation of
their operation.
ì
í
î
Setpoint
Card
Only




SELECT SETPOINT LIST
Two lists of values are available for , , , . The two lists are
named  and . If a user input is used to select the list then  is
selected when the user input is not active and and  is selected when the
user input is active (maintained action). If a front panel key is used to select the
list then the list will toggle for each key press (momentary action). The display
will only indicate which list is active when the list is changed.
To program the values for  and , first complete the programming
of all the parameters. Exit programming and switch to the other list. Re-enter
programming and enter the values for , , , . If any other
parameters are changed then the other list values must be reprogrammed.




PRINT REQUEST
The meter issues a block print through the serial port when activated, and the
serial type is set to . The data transmitted during a print request and the serial
type is programmed in Module 7. If the user input is still active after the
transmission is complete (about 100 msec), an additional transmission occurs.
As long as the user input is held active, continuous transmissions occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com