Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 19 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 19 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 18Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 19Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 20Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 23Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
19
6-SPt
ACt-n
Setpoint
Select
SPSEL
Setpoint
Value
SP-n
Output
Logic
out-n
HYS-n
Setpoint
Hysteresis
tON-n
On Time
Delay
Off Time
Delay
tOF-n
Standby
Operation
Stb-n
Reset
Action
rSt-n
PAR
Pro
Setpoint
Action
Lit-n
Setpoint
Annunciators
ASn-n
Setpoint
Action
Setpoint
Assignment
6.6 mOdUle 6 - seTPOinT (alarm) ParameTers () Ñ
PARAMETER MENU
Repeat programming for each setpoint.
Enter the action for the selected setpoint (alarm output).
See the Setpoint Alarm Figures in the Setpoint Card Bulletin for a visual
detail of each action. The Inside Band action is shown here as it only applies to
the PAXDP.
SETPOINT ASSIGNMENT









Selects the meter value that is used to trigger the Setpoint Alarm. The 
settings cause the setpoint to trigger off of the relative (net) input value. The
relative input value is the absolute input value that includes the Display Offset
Value. The  settings cause the setpoint to trigger off of the absolute (gross)
input value. The absolute input value is based on Module 1  and  entries.
SETPOINT ACTION







 *
 *
 *

 **
 **






SELECT SETPOINT
Select a setpoint (alarm output) to open the remaining module menu. (The
“” in the following parameters will reflect the chosen setpoint number.) After
the chosen setpoint is programmed, the display will default to  . Select
the next setpoint to be programmed and continue the sequence for each setpoint.
Pressing
PAR at   will exit Module 6.


No Setpoint Action
=

Absolute high, with balanced hysteresis
=

Absolute low, with balanced hysteresis
=

Absolute high, with unbalanced hysteresis
=

Absolute low, with unbalanced hysteresis
=

Deviation high, with unbalanced hysteresis *
=

= Deviation low, with unbalanced hysteresis *


Inside band, with unbalanced hysteresis *
Outside band, with unbalanced hysteresis *
=
=

Lower Totalizer absolute high, unbalance hysteresis **
=

Upper Totalizer absolute high, unbalance hysteresis **
=
* Setpoint 2 or Setpoint 4 deviation and band action setpoints are relative to
the value of setpoint 1 or Setpoint 3 respectively. It is not possible to configure
setpoint 1 or 3 as deviation or band actions. It is possible to use setpoint 1 or 3
for an absolute action, while its value is being used for deviation or band.
** These modes only appear, and are the only modes that appear, when the
setpoint assignment  is set to . The lower Totalizer action, ,
allows setpoints to function off of the lower 5 digits of the Totalizer. The upper
Totalizer action,  , allows setpoints to function off of the upper 4 digits
of the Totalizer. To obtain absolute low alarms for the Totalizer, program the

or  output logic as reverse.
Ñ
- A setpoint card must be installed in order to access this module.
Setpoint Alarm Figures
With reverse output logic , the below alarm states are opposite.
ALARM
STATE
OFF
ON
Hys
SP + Hys
SP
OFF
TRIGGER POINTS
Absolute Low Acting (Unbalanced Hys) = 
ALARM
STATE
OFF
ON
Hys
SP + ½Hys
SP
SP - ½Hys
OFF
TRIGGER POINTS
ALARM
STATE
OFF
ON
Hys
SP1 + SPn
SP1
OFF
TRIGGER POINTS
Absolute Low Acting (Balanced Hys) = 
Deviation High Acting (SP > 0) = 
ALARM
STATE
OFF
ON
Hys
SP + ½Hys
SP
SP - ½Hys
OFF
TRIGGER POINTS
Absolute High Acting (Balanced Hys) = 
ALARM
STATE
OFF
ON
Hys
SP
SP - Hys
OFF
TRIGGER POINTS
ALARM
STATE
OFF
ON
Hys
SP1 - SPn
SP1
OFF
TRIGGER POINTS
Absolute High Acting (Unbalanced Hys) = 
This is also for Totalizer alarms: 
, 
Deviation Low Acting (SP > 0) = 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com