Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT191CTSOC Datasheet(PDF) 5 Page - Texas Instruments

Part # CY74FCT191CTSOC
Description  4-BIT UP/DOWN BINARY COUNTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT191CTSOC Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT191CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 7Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 8Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY74FCT191T
4-BIT UP/DOWN BINARY COUNTER
SCCS016A – MAY 1994 – REVISED SEPTEMBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VOH
VCC = 4.75 V,
IOH = –32 mA
2
V
VOH
VCC = 4.75 V,
IOH = –15 mA
2.4
3.3
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.3
0.55
V
VH
All inputs
0.2
V
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
µA
ICC
VCC = 5.25 V, VIN < 0.2 V, VIN > VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
ICCD¶
VCC = 5.25 V, One bit switching at 50% duty cycle, Preset mode, Outputs open,
MR = VCC = SR, PL = CE = U/D = CP = GND, VIN < 0.2 V or VIN > VCC – 0.2 V
0.06
0.12
mA/
MHz
#
One bit switching
at f1 5 MHz
VIN = VCC or GND
0.4
0.8
mA
IC#
VCC = 5.25 V,
Preset mode,
at f1 = 5 MHz
at 50% duty cycle
VIN = 3.4 V or GND
0.7
1.8
mA
IC#
,
Outputs open,
PL =CE =U/D=CP=GND
Four bits switching
at f1 5 MHz
VIN = VCC or GND
1.3
2.6||
mA
PL = CE = U/D = CP = GND
at f1 = 5 MHz
at 50% duty cycle
VIN = 3.4 V or GND
2.3
6.6||
mA
Ci
5
10
pF
Co
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or
sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In any sequence
of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com