Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT191CTSOC Datasheet(PDF) 6 Page - Texas Instruments

Part # CY74FCT191CTSOC
Description  4-BIT UP/DOWN BINARY COUNTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT191CTSOC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CY74FCT191CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 7Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 8Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 9Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY74FCT191T
4-BIT UP/DOWN BINARY COUNTER
SCCS016A – MAY 1994 – REVISED SEPTEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
CY74FCT191AT
CY74FCT191CT
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CP
High or Low
4
4
ns
tw
Pulse duration
PL low
5.5
5
ns
Data before PL
↓
High or Low
4
3.5
tsu
Setup time
CE before CP
↑
Low
9
7.2
ns
U/D before CP
↑
High or Low
10
8
Data after PL
↓
High or Low
1.5
1
th
Hold time
CE after CP
↑
Low
0
0
ns
U/D after CP
↑
High or Low
0
0
trec
Recovery time
PL after CP
↑
5
4.5
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY74FCT191AT
CY74FCT191CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
CP
Q
1.5
7.8
1.5
6.2
ns
tPHL
CP
Qn
1.5
7.8
1.5
6.2
ns
tPLH
CP
TC
1.5
11.8
1.5
9.4
ns
tPHL
CP
TC
1.5
11.8
1.5
9.4
ns
tPLH
CP
RC
1.5
8.5
1.5
6.8
ns
tPHL
CP
RC
1.5
8.5
1.5
6.8
ns
tPLH
CE
RC
1.5
7.2
1.5
6
ns
tPHL
CE
RC
1.5
7.2
1.5
6
ns
tPLH
U/D
RC
1.5
13
1.5
11
ns
tPHL
U/D
RC
1.5
13
1.5
11
ns
tPLH
U/D
TC
1.5
7.2
1.5
6.1
ns
tPHL
U/D
TC
1.5
7.2
1.5
6.1
ns
tPLH
P
Q
1.5
9.1
1.5
7.7
ns
tPHL
Pn
Qn
1.5
9.1
1.5
7.7
ns
tPLH
PL
Q
2
8.5
2
7.2
ns
tPHL
PL
Qn
2
8.5
2
7.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com